Electronic Components Datasheet Search
  English  ▼

X  

ADC121S705 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 1 Page - Texas Instruments

  ADC121S705 Datasheet HTML 1Page - Texas Instruments ADC121S705 Datasheet HTML 2Page - Texas Instruments ADC121S705 Datasheet HTML 3Page - Texas Instruments ADC121S705 Datasheet HTML 4Page - Texas Instruments ADC121S705 Datasheet HTML 5Page - Texas Instruments ADC121S705 Datasheet HTML 6Page - Texas Instruments ADC121S705 Datasheet HTML 7Page - Texas Instruments ADC121S705 Datasheet HTML 8Page - Texas Instruments ADC121S705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
5
6
7
SCLK
DOUT
GND
- IN
+IN
ADC121S705
CS
VREF
VA
8
ADC121S705
www.ti.com
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
Check for Samples: ADC121S705
1
FEATURES
DESCRIPTION
The ADC121S705 is a 12-bit, 500 kSPS to 1 MSPS
2
•
True Differential Inputs
sampling
Analog-to-Digital
(A/D)
converter
that
•
Ensured performance from 500 kSPS to 1
features a fully differential, high impedance analog
MSPS
input and an external reference. The reference
•
External Reference
voltage can be varied from 1.0V to VA, with a
corresponding resolution between 244µV and VA
•
Wide Input Common-Mode Voltage Range
divided by 4096.
•
SPI™/QSPI™/MICROWIRE/DSP Compatible
The output serial data is binary 2's complement and
Serial Interface
is compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
APPLICATIONS
serial interfaces. The differential input, low power
•
Automotive Navigation
consumption, and small size make the ADC121S705
ideal for direct connection to transducers in battery
•
Portable Systems
operated
systems
or
remote
data
acquisition
•
Medical Instruments
applications.
•
Instrumentation and Control Systems
Operating from a single 5V supply, the supply current
•
Motor Control
when operating at 1 MSPS is typically 2.3 mA. The
•
Direct Sensor Interface
supply current drops down to 0.3 µA typically when
the ADC121S705 enters power-down mode. The
KEY SPECIFICATIONS
ADC121S705 is available in the VSSOP-8 package.
Operation is ensured over the industrial temperature
•
Conversion Rate: 500 kSPS to 1 MSPS
range of
−40°C to +105°C and clock rates of 8 MHz
•
INL: ± 0.95 LSB (Max)
to 16 MHz.
•
DNL: ±0.95 LSB (Max)
•
Offset Error: ±3.0 LSB (Max)
•
Gain Error: ±6.5 LSB (Max)
•
SINAD: 69.5 db (Min)
•
Power Consumption at VA = 5V
–
Active, 1 MSPS: 11.5 mW (Typ)
–
Active, 500 kSPS: 9.0 mW (Typ)
–
Power-Down: 1.5 µW (Typ)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC121S705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC121S705 TI2-ADC121S705 Datasheet
957Kb / 31P
ADC121S655 12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
REVISED MARCH 2013
ADC121S705CIMM/NOPB TI1-ADC121S705CIMM/NOPB Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC121S705CIMMX/NOPB TI1-ADC121S705CIMMX/NOPB Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S705EB NSC-ADC121S705EB Datasheet
536Kb / 22P
12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
More results

Similar Description - ADC121S705

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com