Electronic Components Datasheet Search
  English  ▼

X  

ADC121S705 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 4 Page - Texas Instruments

  ADC121S705 Datasheet HTML 1Page - Texas Instruments ADC121S705 Datasheet HTML 2Page - Texas Instruments ADC121S705 Datasheet HTML 3Page - Texas Instruments ADC121S705 Datasheet HTML 4Page - Texas Instruments ADC121S705 Datasheet HTML 5Page - Texas Instruments ADC121S705 Datasheet HTML 6Page - Texas Instruments ADC121S705 Datasheet HTML 7Page - Texas Instruments ADC121S705 Datasheet HTML 8Page - Texas Instruments ADC121S705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADC121S705
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
ADC121S705 Converter Electrical Characteristics
(1)
The following specifications apply for VA = +4.5V to 5.5V, VREF = 2.5V, fSCLK = 8 to 16 MHz, fIN = 100 kHz, CL = 25 pF, unless
otherwise noted. Boldface limits apply for TA = TMIN to TMAX; all other limits are at TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units(2)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non-Linearity
±0.6
±0.95
LSB (max)
DNL
Differential Non-Linearity
±0.4
±0.95
LSB (max)
OE
Offset Error
−0.4
±3
LSB (max)
Positive Full-Scale Error
+0.1
±2
LSB (max)
FSE
Negative Full-Scale Error
-1.0
±6
LSB (max)
GE
Gain Error
+1.0
±6.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 100 kHz, −0.1 dBFS
72.2
69.5
dBc (min)
SNR
Signal-to-Noise Ratio
fIN = 100 kHz, −0.1 dBFS
72.8
71
dBc (min)
THD
Total Harmonic Distortion
fIN = 100 kHz, −0.1 dBFS
−81.6
−72
dBc (max)
SFDR
Spurious-Free Dynamic Range
fIN = 100 kHz, −0.1 dBFS
83.9
72
dBc (min)
ENOB
Effective Number of Bits
fIN = 100 kHz, −0.1 dBFS
11.7
11.25
bits (min)
Differential Input
26
MHz
Output at 70.7%FS
FPBW
−3 dB Full Power Bandwidth
with FS Input
Single-Ended Input
22
MHz
ANALOG INPUT CHARACTERISTICS
−VREF
V (min)
VIN
Differential Input Range
+VREF
V (max)
IDCL
DC Leakage Current
VIN = VREF or VIN = -VREF
±1
µA (max)
In Track Mode
17
pF
CINA
Input Capacitance
In Hold Mode
3
pF
See Specification Definitions for the test
CMRR
Common Mode Rejection Ratio
76
dB
condition
1.0
V (min)
VREF
Reference Voltage Range
VA
V (max)
CS low, fSCLK = 16 MHz,
55
µA
fS = 1 MSPS, output = FF8h
IREF
Reference Current
CS low, fSCLK = 8 MHz,
28
µA
fS = 500 kSPS, output = FF8h
CS high, fSCLK = 0
0.2
µA
DIGITAL INPUT CHARACTERISTICS
VIH
Input High Voltage
2.6
3.6
V (min)
VIL
Input Low Voltage
2.5
1.5
V (max)
IIN
Input Current
VIN = 0V or VA
±1
µA (max)
CIND
Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.12
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.16
V
ISINK = 200 µA
0.01
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.05
V
IOZH, IOZL TRI-STATE Leakage Current
Force 0V or VA
±1
µA (max)
COUT
TRI-STATE Output Capacitance
Force 0V or VA
2
4
pF (max)
Output Coding
Binary 2'S Complement
(1)
Data sheet min/max specification limits are specified by design, test, or statistical analysis.
(2)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com