Electronic Components Datasheet Search
  English  ▼

X  

ADC121S705 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC121S705
Description  ADC121S705 12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC121S705 Datasheet(HTML) 3 Page - Texas Instruments

  ADC121S705 Datasheet HTML 1Page - Texas Instruments ADC121S705 Datasheet HTML 2Page - Texas Instruments ADC121S705 Datasheet HTML 3Page - Texas Instruments ADC121S705 Datasheet HTML 4Page - Texas Instruments ADC121S705 Datasheet HTML 5Page - Texas Instruments ADC121S705 Datasheet HTML 6Page - Texas Instruments ADC121S705 Datasheet HTML 7Page - Texas Instruments ADC121S705 Datasheet HTML 8Page - Texas Instruments ADC121S705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ADC121S705
www.ti.com
SNAS355B – DECEMBER 2006 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Analog Supply Voltage VA
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to (VA +0.3V)
Input Current at Any Pin(4)
±10 mA
Package Input Current(4)
±50 mA
Power Consumption at TA = 25°C
See(5)
Human Body Model
2500V
ESD Susceptibility(6)
Machine Model
250v
Charge Device Model
750V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < GND or VIN > VA), the current at that pin should be limited
to 10 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to five.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the ADC121S705 is
operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply
polarity is reversed). Such conditions should always be avoided.
(6)
Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is a 220 pF capacitor discharged
through 0
Ω. Charge device model simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an
automated assembler) then rapidly being discharged.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +105°C
Supply Voltage, VA
+4.5V to +5.5V
Reference Voltage, VREF
1.0V to VA
Input Common-Mode Voltage, VCM
See Figure 59
Digital Input Pins Voltage Range
0 to VA
Clock Frequency
8 MHz to 16 MHz
Differential Analog Input Voltage
−VREF to +VREF
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Package Thermal Resistance
(1) (2)
Package
θJA
8-lead VSSOP
200°C / W
(1)
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(2)
Reflow temperature profiles are different for lead-free packages.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC121S705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com