Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 18Page - Texas Instruments ADS1602IPFBT Datasheet HTML 19Page - Texas Instruments ADS1602IPFBT Datasheet HTML 20Page - Texas Instruments ADS1602IPFBT Datasheet HTML 21Page - Texas Instruments ADS1602IPFBT Datasheet HTML 22Page - Texas Instruments ADS1602IPFBT Datasheet HTML 23Page - Texas Instruments ADS1602IPFBT Datasheet HTML 24Page - Texas Instruments ADS1602IPFBT Datasheet HTML 25Page - Texas Instruments ADS1602IPFBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
FSO
ADS1602
SCLK
DOUT
SYNC
FSR
TMS320
CLKR
DR
FSX
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
LAYOUT ISSUES AND COMPONENT
The McBSP provides a host of functions including:
SELECTION
Full-duplex communication
Double-buffered data registers
The ADS1602 is a very high-speed, high-resolution
data
converter.
In
order
to
achieve
maximum
Independent framing and clocking for reception
performance,
the
user
must
give
very
careful
and transmission of data
consideration to both the layout of the printed circuit
The sequence begins with a one-time synchronization
board (PCB) in addition to the routing of the traces.
of the serial port by the microprocessor. The
Capacitors that are critical to achieve the best
ADS1602 recognizes the SYNC signal if it is high for
performance from the device should be placed as
at least one CLK period. Transfers are initiated by the
close to the pins of the device as possible. These
ADS1602 after the SYNC signal is de-asserted by the
include capacitors related to the analog inputs, the
microprocessor.
reference, and the power supplies.
The FSO signal from the ADS1602 indicates that
For critical capacitors, it is recommended that Class II
data is available to be read, and is connected to the
dielectrics such as Z5U be avoided. These dielectrics
frame sync receive (FSR) pin of the DSP. The clock
have
a
narrow
operating
temperature,
a
large
receiver (CLKR) is derived directly from the ADS1602
tolerance on the capacitance, and lose up to 20% of
serial
clock
output
to
ensure
continued
the rated capacitance over 10,000 hours. Rather,
synchronization of data with the clock.
select capacitors with a Class I dielectric. C0G (also
known as NP0), for example, has a tight tolerance
less than
±30ppm/°C and is very stable over time.
Should Class II capacitors be chosen because of the
size constraints, select an X7R or X5R dielectric to
minimize the variations of the capacitor
’s critical
characteristics.
The resistors used in the circuits to drive the input
and reference should be kept as low as possible to
prevent excess thermal noise from degrading the
system performance.
The digital outputs from the device should always be
buffered. This has a number of benefits: it reduces
Figure 54. ADS1602
—TMS320 Interface
the loading of the internal digital buffers, which
Connection
decreases noise generated within the device, and it
also reduces device power consumption.
An evaluation module (EVM) is available from Texas
Instruments. The module consists of the ADS1602
APPLICATIONS INFORMATION
and supporting circuits, allowing users to quickly
assess the performance and characteristics of the
Interfacing the ADS1602 to the TMS320 DSP
ADS1602. The EVM easily connects to various
family
microcontrollers and DSP systems. For more details,
Since the ADS1602 communicates with the host via a
or to download a copy of the ADS1602EVM User
’s
serial interface, the most suitable method to connect
Guide, visit the Texas Instruments web site at
to any of the TMS320 DSPs is via the multi-channel
www.ti.com.
buffered serial port (McBSP). A typical connection to
the TMS320 DSP is shown in Figure 54.
22
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com