Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS1602IPFBT Datasheet HTML 1Page - Texas Instruments ADS1602IPFBT Datasheet HTML 2Page - Texas Instruments ADS1602IPFBT Datasheet HTML 3Page - Texas Instruments ADS1602IPFBT Datasheet HTML 4Page - Texas Instruments ADS1602IPFBT Datasheet HTML 5Page - Texas Instruments ADS1602IPFBT Datasheet HTML 6Page - Texas Instruments ADS1602IPFBT Datasheet HTML 7Page - Texas Instruments ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, external VREF = +3V, VCM =
+1.45V, and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock Input
Frequency (fCLK)
40
MHz
Duty cycle
fCLK = 40MHz
45
55
%
Digital Input/Output
VIH
0.7
× IOVDD
IOVDD
V
VIL
DGND
0.3
× IOVDD
V
VOH
IOH = 50μA
IOVDD
– 0.5
V
VOL
IOL = 50μA
DGND + 0.5
V
Input leakage
DGND
< VDIGIN < IOVDD
±10
μA
Power-Supply Requirements
AVDD
4.75
5.25
V
DVDD
2.7
3.3
V
IOVDD
IOH = 50μA
2.7
5.25
V
REFEN = low
110
125
mA
AVDD current (IAVDD)
REFEN = high
88
98
mA
DVDD current (IDVDD)
IOVDD = 3V
25
30
mA
IOVDD current (IIOVDD)
IOVDD = 3V
8
10
mA
AVDD = 5V, DVDD = 3V, IOVDD = 3V,
530
610
mW
REFEN = high
Power dissipation
PD = low, CLK disabled
10
mW
Temperature Range
Specified
–40
+85
°C
Operating
–40
+105
°C
Storage
–60
+150
°C
Copyright
© 2004–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com