Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1602IPFBT Datasheet HTML 7Page - Texas Instruments ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments ADS1602IPFBT Datasheet HTML 10Page - Texas Instruments ADS1602IPFBT Datasheet HTML 11Page - Texas Instruments ADS1602IPFBT Datasheet HTML 12Page - Texas Instruments ADS1602IPFBT Datasheet HTML 13Page - Texas Instruments ADS1602IPFBT Datasheet HTML 14Page - Texas Instruments ADS1602IPFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignalAmplitude,V
(dB)
IN
SFDR
SNR
THD
140
120
100
80
60
40
20
f
=10kHz
IN
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignalAmplitude,V
(dB)
IN
SFDR
SNR
THD
120
110
100
90
80
70
60
50
40
30
20
f
=50kHz
IN
140
120
100
80
60
40
20
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignalAmplitude,V
(dB)
IN
SFDR
SNR
f
=100kHz
IN
THD
140
120
100
80
60
40
20
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignalAmplitude,V
(dB)
IN
SFDR
SNR
f
=500kHz
IN
THD
140
120
100
80
60
40
20
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignal Amplitude,V
IN (dB)
SFDR
SNR
THD
f
=800kHz
IN
10k
100k
1M
InputFrequency,f
IN (Hz)
95
90
85
80
75
70
V
IN = -1dB
V
IN = -6dB
V
IN = -10dB
ADS1602
www.ti.com
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V, and
RBIAS = 37kΩ, unless otherwise noted.
SNR, THD, AND SFDR
SNR, THD, AND SFDR
vs INPUT SIGNAL AMPLITUDE
vs INPUT SIGNAL AMPLITUDE
Figure 15.
Figure 16.
SNR, THD, AND SFDR
SNR, THD, AND SFDR
vs INPUT SIGNAL AMPLITUDE
vs INPUT SIGNAL AMPLITUDE
Figure 17.
Figure 18.
SNR, THD, AND SFDR
vs INPUT SIGNAL AMPLITUDE
SNR vs INPUT FREQUENCY
Figure 19.
Figure 20.
Copyright
© 2004–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com