Electronic Components Datasheet Search
  English  ▼

X  

ADS1602IPFBT Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1602IPFBT
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1602IPFBT Datasheet(HTML) 4 Page - Texas Instruments

  ADS1602IPFBT Datasheet HTML 1Page - Texas Instruments ADS1602IPFBT Datasheet HTML 2Page - Texas Instruments ADS1602IPFBT Datasheet HTML 3Page - Texas Instruments ADS1602IPFBT Datasheet HTML 4Page - Texas Instruments ADS1602IPFBT Datasheet HTML 5Page - Texas Instruments ADS1602IPFBT Datasheet HTML 6Page - Texas Instruments ADS1602IPFBT Datasheet HTML 7Page - Texas Instruments ADS1602IPFBT Datasheet HTML 8Page - Texas Instruments ADS1602IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
f
40MHz
CLK
(
)
1.1
f
40MHz
CLK
(
)
1.15
f
40MHz
CLK
(
)
1.23
f
40MHz
CLK
(
)
38.6
f
40MHz
CLK
(
)
1.4
(
)
40MHz
f
CLK
10.4
(
)
40MHz
f
CLK
20.4
ADS1602
SBAS341E
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, external VREF = +3V, VCM =
+1.45V, and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Filter Characteristics
Passband
0
MHz
Passband ripple
±0.001
dB
–0.1dB attenuation
MHz
Passband transition
–3dB attentuation
MHz
Stop band
MHz
Stop band attenuation
75
dB
Group delay
μs
Settling time
Complete settling
μs
Static Specifications
Resolution
16
Bits
No missing codes
16
Bits
Input-referred noise
0.5
0.85
LSB, rms
Integral nonlinearity
–1dBFS signal
0.75
LSB
Differential nonlinearity
0.25
LSB
Offset error
–0.1
%FSR
Offset error drift
–0.1
ppmFSR/
°C
Gain error
0.25(1)
%
Gain error drift
Excluding reference drift
10
ppm/
°C
Common-mode rejection
At dc
75
dB
Power-supply rejection
At dc
65
dB
Internal Voltage Reference
REFEN = low
VREF = (VREFP – VREFN)
2.75
3
3.25
V
VREFP
3.5
4
4.3
V
VREFN
0.5
1
1.3
V
VMID
2.3
2.5
2.7
V
VREF drift
50
ppm/
°C
Startup time
15
ms
External Voltage Reference
REFEN = high
VREF = (VREFP – VREFN)
2
3
3.25
V
VREFP
3.5
4
4.25
V
VREFN
0.5
1
1.5
V
VMID
2.3
2.5
2.6
V
(1)
There is a constant gain error of 2.5% in addition to the variable gain error of
±0.25%. Therefore, the gain error is 2.5 ± 0.25%.
4
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com