Electronic Components Datasheet Search
  English  ▼

X  

ADS5271IPFP Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5271IPFP Datasheet HTML 10Page - Texas Instruments ADS5271IPFP Datasheet HTML 11Page - Texas Instruments ADS5271IPFP Datasheet HTML 12Page - Texas Instruments ADS5271IPFP Datasheet HTML 13Page - Texas Instruments ADS5271IPFP Datasheet HTML 14Page - Texas Instruments ADS5271IPFP Datasheet HTML 15Page - Texas Instruments ADS5271IPFP Datasheet HTML 16Page - Texas Instruments ADS5271IPFP Datasheet HTML 17Page - Texas Instruments ADS5271IPFP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TYPICAL CHARACTERISTICS
0
−20
−40
−60
−80
−100
−120
0
5
10
15
20
25
Input Frequency (MHz)
f
IN = 1MHz (−1dBFS)
SNR = 71.1dBFS
SINAD = 70.9dBFS
SFDR = 87.7dBc
0
−20
−40
−60
−80
−100
−120
0
5
10
15
20
25
Input Frequency (MHz)
f
IN = 5MHz (−1dBFS)
SNR = 70.9dBFS
SINAD = 70.8dBFS
SFDR = 89dBc
0
−20
−40
−60
−80
−100
−120
0
5
10
15
20
25
Input Frequency (MHz)
f
IN = 10MHz (−1dBFS)
SNR = 70.9dBFS
SINAD = 70.7dBFS
SFDR = 85.4dBc
0
−20
−40
−60
−80
−100
−120
0
5
10
15
20
25
Input Frequency (MHz)
f
IN = 20MHz (− 1dBFS)
SNR = 70.5dBFS
SINAD = 70.4dBFS
SFDR = 85.6dBc
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
0
512
1024
1536
2048
2560
3072
3584
4096
Code
f
IN = 5MHz
0
−20
−40
−60
−80
−100
−120
0
5
10
15
20
25
Input Frequency (MHz)
f
1 = 9.5MHz (− 7dBFS)
f
2 = 10.2MHz (− 7dBFS)
IMD =
−85dBFS
ADS5271
SBAS313C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
Typical values are at TA = +25C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
–1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 1.
Figure 2.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 3.
Figure 4.
INTERMODULATION DISTORTION
DIFFERENTIAL NONLINEARITY
Figure 5.
Figure 6.
14
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com