Electronic Components Datasheet Search
  English  ▼

X  

ADS5271IPFP Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5271IPFP Datasheet HTML 13Page - Texas Instruments ADS5271IPFP Datasheet HTML 14Page - Texas Instruments ADS5271IPFP Datasheet HTML 15Page - Texas Instruments ADS5271IPFP Datasheet HTML 16Page - Texas Instruments ADS5271IPFP Datasheet HTML 17Page - Texas Instruments ADS5271IPFP Datasheet HTML 18Page - Texas Instruments ADS5271IPFP Datasheet HTML 19Page - Texas Instruments ADS5271IPFP Datasheet HTML 20Page - Texas Instruments ADS5271IPFP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
THEORY OF OPERATION
OVERVIEW
DRIVING THE ANALOG INPUTS
CM Buffer
Internal
Voltage
Reference
Input
Circuitry
IN+
IN
−
V
CM
600
Ω
600
Ω
ADS5271
NOTE: Dashed area denotes one of eight channels.
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
data externally has multiple advantages, such as a
reduced number of output pins (saving routing space
on the board), reduced power consumption, and
The ADS5271 is an 8-channel, high-speed, CMOS
reduced effects of digital noise coupling to the analog
ADC.
It
consists
of
a
high-performance
circuit inside the ADS5271.
sample-and-hold circuit at the input, followed by a
The ADS5271 operates from two sets of supplies and
12-bit ADC. The 12 bits given out by each channel
grounds. The analog supply/ground set is denoted as
are serialized and sent out on a single pair of pins in
AVDD/AVSS, while the digital set is denoted by
LVDS format. All eight channels of the ADS5271
LVDD/LVSS.
operate from a single clock referred to as ADCLK.
The sampling clocks for each of the eight channels
are generated from the input clock using a carefully
matched clock buffer tree. The 12x clock required for
The analog input biasing is shown in Figure 15. The
the serializer is generated internally from ADCLK
inputs are biased internally using two 600
Ω resistors
using a phase lock loop (PLL). A 6x and a 1x clock
to enable ac-coupling. A resistor greater than 20
Ω is
are also output in LVDS format along with the data to
recommended in series with each input pin.
enable easy data capture. The ADS5271 operates
from internally generated reference voltages that are
A 4pF sampling capacitor is used to sample the
trimmed to ensure matching across multiple devices
inputs. The choice of the
external
ac-coupling
on a board. This feature eliminates the need for
capacitor is dictated by the attenuation at the lowest
external routing of reference lines and also improves
desired input frequency of operation. The attenuation
matching of the gain across devices. The nominal
resulting from using a 10nF ac-coupling capacitor is
values of REFT and REFB are 1.95V and 0.95V,
0.04%.
respectively. These values imply that a differential
input of –1V corresponds to the zero code of the
ADC, and a differential input of +1V corresponds to
the full-scale code (4095 LSB). VCM (common-mode
voltage of REFT and REFB) is also made available
externally through a pin, and is nominally 1.45V.
The ADC employs a pipelined converter architecture
consisting of a combination of multi-bit and single-bit
internal stages. Each stage feeds its data into the
digital
error
correction
logic,
ensuring
excellent
differential linearity and no missing codes at the
12-bit level. The pipeline architecture results in a data
latency of 6.5 clock cycles.
The output of the ADC goes to a serializer that
operates from a 12x clock generated by the PLL. The
12 data bits from each channel are serialized and
Figure 15. Analog Input Bias Circuitry
sent LSB first. In addition to serializing the data, the
serializer also generates a 1x clock and a 6x clock.
If
the
input
is
dc-coupled,
then
the
output
These clocks are generated in the same way the
common-mode voltage of the circuit driving the
serialized data is generated, so these clocks maintain
ADS5271 should match the VCM (which is provided as
perfect synchronization with the data. The data and
an output pin) to within ±50mV. It is recommended
clock outputs of the serializer are buffered externally
that the output common-mode of the driving circuit be
using LVDS buffers. Using LVDS buffers to transmit
derived from VCM provided by the device.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com