Electronic Components Datasheet Search
  English  ▼

X  

ADS5271IPFP Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5271IPFP Datasheet HTML 11Page - Texas Instruments ADS5271IPFP Datasheet HTML 12Page - Texas Instruments ADS5271IPFP Datasheet HTML 13Page - Texas Instruments ADS5271IPFP Datasheet HTML 14Page - Texas Instruments ADS5271IPFP Datasheet HTML 15Page - Texas Instruments ADS5271IPFP Datasheet HTML 16Page - Texas Instruments ADS5271IPFP Datasheet HTML 17Page - Texas Instruments ADS5271IPFP Datasheet HTML 18Page - Texas Instruments ADS5271IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
512
1024
1536
2048
2560
3072
3584
4096
Code
f
IN = 5MHz
90
80
70
60
50
40
30
20
10
0
−70
−60
−50
−40
−30
−20
−10
0
Input Amplitude (dBFS)
f
IN = 5MHz
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
90
80
70
60
50
40
30
20
10
0
−70
−60
−50
−40
−30
−20
−10
0
Input Amplitude (dBFS)
f
IN = 10MHz
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
95
90
85
80
75
70
65
60
20
30
40
50
60
70
80
Duty Cycle (%)
f
IN = 5MHz
SNR
SFDR
SINAD
95
90
85
80
75
70
65
60
0
5
10
15
20
25
30
35
40
45
50
Input Frequency (MHz)
SFDR
SNR
95
90
85
80
75
70
65
60
55
50
15
20
25
30
35
40
45
50
55
60
Sample Rate (MSPS)
SFDR
f
IN = 5MHz
SNR
SINAD
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = +25C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
–1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
INTEGRAL NONLINEARITY
SWEPT INPUT POWER
Figure 7.
Figure 8.
SWEPT INPUT POWER
DYNAMIC PERFORMANCE vs DUTY CYCLE
Figure 9.
Figure 10.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
DYNAMIC PERFORMANCE vs SAMPLE RATE
Figure 11.
Figure 12.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com