Electronic Components Datasheet Search
  English  ▼

X  

ADS5271IPFP Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5271IPFP Datasheet HTML 15Page - Texas Instruments ADS5271IPFP Datasheet HTML 16Page - Texas Instruments ADS5271IPFP Datasheet HTML 17Page - Texas Instruments ADS5271IPFP Datasheet HTML 18Page - Texas Instruments ADS5271IPFP Datasheet HTML 19Page - Texas Instruments ADS5271IPFP Datasheet HTML 20Page - Texas Instruments ADS5271IPFP Datasheet HTML 21Page - Texas Instruments ADS5271IPFP Datasheet HTML 22Page - Texas Instruments ADS5271IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REFERENCE CIRCUIT DESIGN
CLOCKING
REF
T
REF
B
I
SET
0.1
µF
2.2
µF
2
Ω
56.2k
Ω
2
Ω
2.2
µF
0.1
µF
ADS5271
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
The device also supports the use of external
reference voltages. This mode involves forcing REFT
The digital beam-forming algorithm relies heavily on
and REFB externally. In this mode, the internal
gain matching across all receiver channels. A typical
reference buffer is tri-stated. Since the switching
system would have about 12 octal ADCs on the
current for the eight ADCs come from the externally
board. In such a case, it is critical to ensure that the
forced references, it is possible for the performance
gain is matched, essentially requiring the reference
to be slightly less than when the internal references
voltages seen by all the ADCs to be the same.
are used. It should be noted that in this mode, VCM
Matching references within the eight channels of a
and ISET continue to be generated from the internal
chip is done by using a single internal reference
bandgap voltage, as in the internal reference mode. It
voltage buffer. Trimming the reference voltages on
is
therefore
important
to
ensure
that
the
each chip during production ensures the reference
common-mode
voltage
of
the
externally
forced
voltages are well matched across different chips.
reference voltages matches to within 50mV of VCM.
The state of the reference voltages during various
All bias currents required for the internal operation of
combinations of PD and INT/EXT is shown in
the device are set using an external resistor to
Table 1.
ground at pin ISET. Using a 56.2kΩ resistor on ISET
generates an internal reference current of 20
µA. This
Table 1. State of Reference Voltages for Various
current is mirrored internally to generate the bias
Combinations of PD and INT/EXT
current for the internal blocks. Using a larger external
resistor at ISET reduces the reference bias current and
PD
0
0
1
1
thereby scales down the device operating power.
INT/EXT
0
1
0
1
However, it is recommended that the external resistor
REFT
Tri-State
1.95V
Tri-State
Tri-State
be within 10% of the specified value of 56.2k
Ω so
REFB
Tri-State
0.95V
Tri-State
Tri-State
that the internal bias margins for the various blocks
are proper.
VCM
1.45V
1.45V
Tri-State(1)
Tri-State(1)
Buffering the internal bandgap voltage also generates
(1) Weak pull-down (approximately 5k
Ω) to ground.
a voltage called VCM, which is set to the midlevel of
REFT and REFB, and is accessible on a pin. It is
meant as a reference voltage to derive the input
common-mode in case the input is directly coupled. It
The eight channels on the chip operate from a single
can
also
be
used
to
derive
the
reference
ADCLK input. To ensure that the aperture delay and
common-mode voltage in the external reference
jitter are same for all the channels, a clock tree
mode.
network is used to generate individual sampling
clocks to each channel. The clock paths for all the
When using the internal reference mode, a 2
Ω
channels are matched from the source point all the
resistor should be added between the reference pins
way to the sample-and-hold amplifier. This ensures
(REFT and REFB) and the decoupling capacitor, as
that the performance and timing for all the channels
shown in Figure 17. If the device is used in the
are identical. The use of the clock tree for matching
external reference mode, this 2
Ω resistor is not
introduces an aperture delay, which is defined as the
required.
delay between the rising edge of ADCLK and the
actual instant of sampling. The aperture delays for all
the channels are matched to the best possible extent.
However, a mismatch of ±20ps (±3
σ) could exist
between the aperture instants of the eight ADCs
within the same chip. However, the aperture delays of
ADCs across two different chips can be several
hundred
picoseconds
apart.
Another
critical
specification is the aperture jitter that is defined as
the uncertainty of the sampling instant. The gates in
the clock path are designed to provide an rms jitter of
approximately 1ps.
Ideally, the input ADCLK should have a 50% duty
cycle. However, while routing ADCLK to different
components onboard, the duty cycle of the ADCLK
reaching the ADS5271 could deviate from 50%. A
smaller (or larger) duty cycle reduces the time
available for sample or hold phases of each circuit,
Figure 17. Internal Reference Mode
and is therefore not optimal. For this reason, the
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com