Electronic Components Datasheet Search
  English  ▼

X  

ADS5271IPFP Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5271IPFP
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271IPFP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5271IPFP Datasheet HTML 16Page - Texas Instruments ADS5271IPFP Datasheet HTML 17Page - Texas Instruments ADS5271IPFP Datasheet HTML 18Page - Texas Instruments ADS5271IPFP Datasheet HTML 19Page - Texas Instruments ADS5271IPFP Datasheet HTML 20Page - Texas Instruments ADS5271IPFP Datasheet HTML 21Page - Texas Instruments ADS5271IPFP Datasheet HTML 22Page - Texas Instruments ADS5271IPFP Datasheet HTML 23Page - Texas Instruments ADS5271IPFP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LVDS BUFFERS
NOISE COUPLING ISSUES
External
Termination
Resistor
OUT
P
High
Low
OUT
N
Low
High
ADS5271
SBAS313C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
internal PLL is used to generate an internal clock that
The LVDS buffer receives data from a serializer that
has 50% duty cycle. The input sampling instant,
takes the output data from each channel and
however, is determined by the rising edge of the
serializes it into a single data stream. For a clock
external clock and is not affected by jitter in the PLL.
frequency of 50MHz, the data rate output of the
In addition to generating a 50% duty cycle clock for
serializer is 600MBPS. The data comes out LSB first,
the ADC, the PLL also generates a 12x clock that is
with a register programmability that allows it to revert
used by the serializer to convert the parallel data from
to MSB first. The serializer also transmits a 1x clock
the ADC to a serial stream of bits.
and
a
6x
clock.
The
6x
clock
(denoted
as
LCLKP/LCLKN) is meant to synchronize the capture of
The use of the PLL automatically dictates the
the LVDS data.
minimum sample rate to be about 20MSPS. The PLL
also requires the input clock to be free-running. If the
Deskew mode can be enabled as well, using a
input clock is momentarily stopped (for a duration of
register setting. This mode gives out a data stream of
less than 300ns) then the PLL would require
alternate 0s and 1s and can be used determine the
approximately 10
µs to lock back to the input clock
relative delay between the 6x clock and the output
frequency.
data for optimum capture. A 1x clock is also
generated by the serializer and transmitted through
the LVDS buffer. The 1x clock (referred to as
ADCLKP/ADCLKN) is used to determine the start of
The LVDS buffer has two current sources, as shown
the 12-bit data frame. Sync mode (enabled through a
in Figure 18. OUTP and OUTN are loaded externally
register setting) gives out a data of six 0s followed by
by a resistive load that is ideally about 100
Ω.
six 1s. Using this mode, the 1x clock can be used to
Depending on whether the data is 0 or 1, the currents
determine the start of the data frame. In addition to
are directed in one direction or the other through the
the deskew mode pattern and the sync mode pattern,
resistor. The LVDS buffer has four current settings.
a custom pattern can be defined by the user and
The default current setting is 3.5mA, and provides a
output from the LVDS buffer. The LVDS buffers are
differential drop of about ±350mV across the 100
Ω
tri-stated in the power-down mode. The LVDS outputs
resistor.
are weakly forced to 1.2V through 10k
Ω resistors
(from each output pin to 1.2V).
High-speed mixed signals are sensitive to various
types of noise coupling. One of the main sources of
noise is the switching noise from the serializer and
the output buffers. Maximum care is taken to isolate
these noise sources from the sensitive analog blocks.
As a starting point, the analog and digital domains of
the chip are clearly demarcated. AVDD and AVSS
are used to denote the supplies for the analog
sections, while LVDD and LVSS are used to denote
the digital supplies. Care is taken to ensure that there
is minimal interaction between the supply sets within
the
device.
The
extent
of
noise
coupled
and
transmitted from the digital to the analog sections
depends on the following:
1. The
effective
inductances
of
each
of
the
supply/ground sets.
2. The isolation between the digital and analog
Figure 18. LVDS Buffer
supply/ground sets.
Smaller effective inductance of the supply/ground
The single-ended output impedance of the LVDS
pins leads to better suppression of the noise. For this
drivers is very high because they are current-source
reason,
multiple
pins
are
used
to
drive
each
driven. If there are excessive reflections from the
supply/ground. It is also critical to ensure that the
receiver, it might be necessary to place a 100
Ω
impedances of the supply and ground lines on board
termination resistor across the outputs of the LVDS
drivers to minimize the effect of reflections. In such a
situation, the output current of the LVDS drivers can
be increased to regain the output swing.
20
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com