Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5424IPGPR
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5424IPGPR Datasheet HTML 1Page - Texas Instruments ADS5424IPGPR Datasheet HTML 2Page - Texas Instruments ADS5424IPGPR Datasheet HTML 3Page - Texas Instruments ADS5424IPGPR Datasheet HTML 4Page - Texas Instruments ADS5424IPGPR Datasheet HTML 5Page - Texas Instruments ADS5424IPGPR Datasheet HTML 6Page - Texas Instruments ADS5424IPGPR Datasheet HTML 7Page - Texas Instruments ADS5424IPGPR Datasheet HTML 8Page - Texas Instruments ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), sampling rate = 105 MSPS, 50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V,
−1 dBFS differential input, and 3 VPP differential sinusoidal clock, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
100
dBc
fIN = 30 MHz
105
dBc
fIN = 50 MHz
98
dBc
Second harmonic, HD2
fIN = 70 MHz
98
dBc
Second harmonic, HD2
fIN = 100 MHz
98
dBc
fIN = 170 MHz
98
dBc
fIN = 230 MHz
96
dBc
fIN = 10 MHz
93
dBc
fIN = 30 MHz
95
dBc
fIN = 50 MHz
93
dBc
Third harmonic, HD3
fIN = 100 MHz
87
dBc
fIN = 170 MHz
73
dBc
fIN = 230 MHz
64
dBc
fIN = 10 MHz
93
dBc
fIN = 30 MHz
95
dBc
fIN = 50 MHz
93
dBc
Worst-harmonic / spur (other than HD2
fIN = 70 MHz
88
dBc
and HD3)
fIN = 100 MHz
88
dBc
fIN = 170 MHz
88
dBc
fIN = 230 MHz
88
dBc
RMS idle channel noise
Input pins tied together
0.9
LSB
DIGITAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), AVDD = 5 V, DRVDD = 3.3 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Outputs
Low-level output voltage
CLOAD = 10 pF(1)
0.1
0.6
V
High-level output voltage
CLOAD = 10 pF(1)
2.6
3.2
V
Output capacitance
3
pF
DMID
DRVDD/2
V
(1) Equivalent capacitance to ground of (load + parasitics of transmission lines).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com