Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5424IPGPR
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5424IPGPR Datasheet HTML 2Page - Texas Instruments ADS5424IPGPR Datasheet HTML 3Page - Texas Instruments ADS5424IPGPR Datasheet HTML 4Page - Texas Instruments ADS5424IPGPR Datasheet HTML 5Page - Texas Instruments ADS5424IPGPR Datasheet HTML 6Page - Texas Instruments ADS5424IPGPR Datasheet HTML 7Page - Texas Instruments ADS5424IPGPR Datasheet HTML 8Page - Texas Instruments ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments ADS5424IPGPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
6
TIMING CHARACTERISTICS(3)
Over full temperature range, AVDD = 5 V, DRVDD = 3.3 V, sampling rate = 105 MSPS
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Aperture Time
tA
Aperture delay
500
ps
tJ
Clock slope independent aperture uncertainity (jitter)
150
fs
kJ
Clock slope dependent jitter factor
50
µV
Clock Input
tCLK
Clock period
9.5
ns
tCLKH(1)
Clock pulsewidth high
4.75
ns
tCLKL(1)
Clock pulsewidth low
4.75
ns
Clock to DataReady (DRY)
tDR
Clock rising 50% to DRY falling 50%
2.8
3.9
4.7
ns
tC_DR
Clock rising 50% to DRY rising 50%
tDR +
tCLKH
ns
tC_DR_50%
Clock rising 50% to DRY rising 50% with 50% duty cycle clock
7.6
8.7
9.5
ns
Clock to DATA, OVR(4)
tr
Data VOL to data VOH (rise time)
2
ns
tf
Data VOH to data VOL (fall time)
2
ns
L
Latency
3
Cycles
tsu(C)
Valid DATA(2) to clock 50% with 50% duty cycle clock (setup time)
1.8
3.4
ns
tH(C)
Clock 50% to invalid DATA(2) (hold time)
2.6
3.6
ns
DataReady (DRY) to DATA, OVR(4)
tsu(DR)_50%
Valid DATA(2) to DRY 50% with 50% duty cycle clock (setup time)
1.8
2.6
ns
th(DR)_50%
DRY 50% to invalid DATA(2) with 50% duty cycle clock (hold time)
3.9
4.4
ns
(1) See Figure 21 for more information.
(2) See VOH and VOL levels.
(3) All values obtained from design and characterization.
(4) Data is updated with clock rising edge or DRY falling edge.
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu(C)
th(C)
th(DR)
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tr
tCLK
tCLKL
CLK, CLK
D[13:0], OVR
DRY
AIN
tCLKH
tDR
tsu(DR)
tf
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com