Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5424IPGPR
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5424IPGPR Datasheet HTML 1Page - Texas Instruments ADS5424IPGPR Datasheet HTML 2Page - Texas Instruments ADS5424IPGPR Datasheet HTML 3Page - Texas Instruments ADS5424IPGPR Datasheet HTML 4Page - Texas Instruments ADS5424IPGPR Datasheet HTML 5Page - Texas Instruments ADS5424IPGPR Datasheet HTML 6Page - Texas Instruments ADS5424IPGPR Datasheet HTML 7Page - Texas Instruments ADS5424IPGPR Datasheet HTML 8Page - Texas Instruments ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
14 Bit, 105 MSPS
Analog-to-Digital Converter
ADS5424
FEATURES
D 14 Bit Resolution
D 105 MSPS Maximum Sample Rate
D SNR = 74 dBc at 105 MSPS and 50-MHz IF
D SFDR = 93 dBc at 105 MSPS and 50-MHz IF
D 2.2 V
pp Differential Input Range
D 5 V Supply Operation
D 3.3 V CMOS Compatible Outputs
D 1.9 W Total Power Dissipation
D 2s Complement Output Format
D On-Chip Input Analog Buffer, Track and Hold,
and Reference Circuit
D 52 Pin HTQFP Package With Exposed
Heatsink
D Pin Compatible to the AD6644/45
D Industrial Temperature Range = −405C to 855C
APPLICATIONS
D Single and Multichannel Digital Receivers
D Base Station Infrastructure
D Instrumentation
D Video and Imaging
RELATED DEVICES
D Clocking: CDC7005
D Amplifiers: OPA695, THS4509
DESCRIPTION
The ADS5424 is a 14 bit 105 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while providing 3.3 V
CMOS compatible digital outputs. The ADS5424 input buffer isolates the internal switching of the on-chip Track and Hold
(T&H) from disturbing the signal source. An internal reference generator is also provided to further simplify the system
design. The ADS5424 has outstanding low noise and linearity, over input frequency. With only a 2.2 VPP input range,
simplifies the design of multicarrier applications, where the carriers are selected on the digital domain.
The ADS5424 is available in a 52 pin HTQFP with heatsink package and is pin compatible to the AD6645. The ADS5424
is built on state of the art Texas Instruments complementary bipolar process (BiCom3) and is specified over full industrial
temperature range (−40
°C to 85°C).
FUNCTIONAL BLOCK DIAGRAM
Reference
Timing
CLK+
OVR
D[13:0]
CLK−
6
DMID
DRY
VREF
AIN
AIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
A3
A1
TH2
TH3
C1
C2
AVDD
DRVDD
GND
Digital Error Correction
A2
+
−
+
−
PowerPad is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
www.ti.com
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - ADS5424IPGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424IPGPR TI1-ADS5424IPGPR Datasheet
1Mb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424IPGPR TI2-ADS5424IPGPR Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
ADS5424IPGPR.B TI2-ADS5424IPGPR.B Datasheet
812Kb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
REVISED JANUARY 2010
More results

Similar Description - ADS5424IPGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com