Electronic Components Datasheet Search
  English  ▼

X  

ADS5424IPGPR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5424IPGPR
Description  14 Bit, 105 MSPS Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5424IPGPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments ADS5424IPGPR Datasheet HTML 10Page - Texas Instruments ADS5424IPGPR Datasheet HTML 11Page - Texas Instruments ADS5424IPGPR Datasheet HTML 12Page - Texas Instruments ADS5424IPGPR Datasheet HTML 13Page - Texas Instruments ADS5424IPGPR Datasheet HTML 14Page - Texas Instruments ADS5424IPGPR Datasheet HTML 15Page - Texas Instruments ADS5424IPGPR Datasheet HTML 16Page - Texas Instruments ADS5424IPGPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
13
Typical values are at TA = 25°C, AVDD = 5 V, DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 105 MSPS, 3 VPP
sinusoidal clock, 50% duty cycle, 16k FFT points, unless otherwise noted
SFDR
SNR
Clock Common Mode − V
60
65
70
75
80
85
90
95
100
0
1234
5
AC PERFORMANCE
vs
CLOCK COMMON MODE
fS = 105 MSPS
fIN = 69.6 MHz
Figure 20
SFDR (dBc)
SNR (dBc)
Figure 21
Duty Cycle − %
65
70
75
80
85
90
95
100
40
45
50
55
60
SPURIOUS-FREE DYNAMIC RANGE
vs
DUTY CYCLE
fIN = 2 MHz
fIN = 70 MHz
fIN = 50 MHz
50
55
60
65
70
75
80
85
90
95
01234
Differential Clock Level − VPP
Figure 22
fS = 105 MSPS
fIN = 70 MHz
SFDR (dBc)
SNR (dBc)
AC PERFORMANCE
vs
CLOCK LEVEL
Figure 23
50
55
60
65
70
75
01234
Differential Clock Level − VPP
fS = 105 MSPS
fIN = 170 MHz
SFDR (dBc)
SNR (dBc)
AC PERFORMANCE
vs
CLOCK LEVEL
Figure 24
DRVDD − Supply Voltage − V
85
86
87
88
89
90
91
92
93
94
2.6
2.8
3.0
3.2
3.4
3.6
3.8
fS = 105 MSPS
fIN = 69.6 MHz
SPURIOUS-FREE DYNAMIC RANGE
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
100
°C
60
°C
−20
°C
20
°C
−40
°C
85
°C
Figure 25
DRVDD − Supply Voltage − V
73.0
73.2
73.4
73.6
73.8
74.0
74.2
74.4
74.6
74.8
2.6
2.8
3.0
3.2
3.4
3.6
3.8
fS = 105 MSPS
fIN = 69.6 MHz
SIGNAL-TO-NOISE RATIO
vs
SUPPLY VOLTAGE AND AMBIENT TEMPERATURE
100
°C
60
°C
20
°C
−40
°C
85
°C
−20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com