Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 59 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments AFE4490 Datasheet HTML 61Page - Texas Instruments AFE4490 Datasheet HTML 62Page - Texas Instruments AFE4490 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
59
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.43 Register 31h (address = 31h) [reset = 0h]
Figure 80. Register 31h
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
15
14
13
12
11
10
9
8
0
0
0
0
0
PD_
DISCONNECT
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
7
6
5
4
3
2
1
0
0
0
ENABLE_
INPUT_
SHORT
0
0
CLKDIV_EXTMODE
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 63. Register 31h Field Descriptions
Bit
Field
Type
Reset
Description
23-11
0
W
0h
Must write 0.
10
PD_DISCONNECT
W
0h
This bit disconnects the PD signals (INP, INM) from the TIA
inputs. When enabled, the current input to the TIA is determined
completely by the offset cancellation DAC current (I_OFFDAC).
Note that in this mode, the AFE no longer sets the bias for the
PD.
9-6
0
W
0h
Must write 0.
5
ENABLE_INPUT_SHORT
R/W
0h
INP, INN are shorted to VCM whenever the TIA is in power-
down.
4-3
0
W
0h
Must write 0.
2-0
CLKDIV_EXTMODE
R/W
0h
These bits are used to set the division ratio to allow flexible
clocking in external clock mode. For details, see Table 64.
Table 64. CLKDIV_EXTMODE Register Settings
CLKDIV_EXTMODE REGISTER SETTINGS
DIVISION RATIO
ALLOWED FREQUENCY RANGE OF
EXTERNAL CLOCK IN MHz
0
2
8-12
1
8
32-48
2
Do not use
Do not use
3
12
48-60
4
4
16-24
5
1
4-6
6
6
24-36
7
Do not use
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com