Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Duty Cycle (%)
0
5
10
15
20
25
1
2
5
10
20
50
100
200
500
1000
2000
5000
10000
20000
50000
100000
Rf = 10 k:
Rf = 25 k:
Rf = 50 k:
Rf = 100 k:
Rf = 250 k:
Rf = 500 k:
Rf = 1000 k:
Rf = 2000 k:
Duty Cycle (%)
0
5
10
15
20
25
98
100
102
104
106
108
Rf = 10 k:
Rf = 25 k:
Rf = 50 k:
Rf = 100 k:
Rf = 250 k:
Rf = 500 k:
Rf = 1000 k:
Rf = 2000 k:
Duty Cycle (%)
0
5
10
15
20
25
10
15
20
25
30
35
40
Output Voltage = 0% of FS
Output Voltage = 10% of FS
Output Voltage = 25% of FS
Output Voltage = 50% of FS
Output Voltage = 75% of FS
Duty Cycle (%)
0
5
10
15
20
25
96
98
100
102
104
106
Output Voltage = 0% of FS
Output Voltage = 10% of FS
Output Voltage = 25% of FS
Output Voltage = 50% of FS
Output Voltage = 75% of FS
External Clock Frequency (MHz)
0
10
20
30
40
50
60
550
650
750
850
950
1050
1150
1250
CLKDIV_EXTMODE = 1
CLKDIV_EXTMODE = 2
CLKDIV_EXTMODE = 3
CLKDIV_EXTMODE = 4
CLKDIV_EXTMODE = 6
CLKDIV_EXTMODE = 8
CLKDIV_EXTMODE = 12
PRF (Hz)
0
200
400
600
800
1000
1200
1400
100
200
300
400
500
600
700
800
900
CLKDIV_PRF = 1
CLKDIV_PRF = 16
9
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
At 25°C, TX_SUP = 4 V, RX_SUP = IO_SUP = 3.3 V, 100-Hz PRF, 25% duty cycle, Rf = 500 kΩ, Cf is adjusted to keep the
TIA time constant at 1/10th of the sampling duration, 8-MHz external clock (with CLKDIV_EXTMODE set to divide-by-2),
CLKDIV_PRF = 1, detector CIN = 50 pF, ADC averaging = max allowed, SNR (dBFS) = noise referred to full-scale range of
2 V, noise integrated from 1 Hz to Nyquist (= PRF / 2), and values assigned to CLKDIV_EXTMODE and CLK_DIV_PRF
parameters correspond to division ratios controlled by these modes, unless otherwise specified.
Figure 1. Receiver Current vs External Clock Frequency
Active window = 500 µs, LED pulse = 100 µs,
all four DYNAMIC bits set to 1
Figure 2. Receiver Current vs PRF in
Dynamic Power-Down Mode
Duty cycle (x-axis) refers to the sampling duration expressed as a
percentage of the pulse repetition period.
Figure 3. Input-Referred Noise Current in 20-Hz Bandwidth
vs Duty Cycle for Different Output Levels
(As a Percentage of Full-Scale)
Duty cycle (x-axis) refers to the sampling duration expressed as a
percentage of the pulse repetition period.
Figure 4. Signal-to-Noise Ratio in 20-Hz Bandwidth vs Duty
Cycle for Different Output Levels
(As a Percentage of Full-Scale)
Figure 5. Receiver Input-Referred Noise Current in 20-Hz
BW vs Duty Cycle (Different TIA Gain Settings)
Figure 6. Receiver SNR in 20-Hz BW vs Duty Cycle
(Different TIA Gain Settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com