Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 71 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 67Page - Texas Instruments AFE4490 Datasheet HTML 68Page - Texas Instruments AFE4490 Datasheet HTML 69Page - Texas Instruments AFE4490 Datasheet HTML 70Page - Texas Instruments AFE4490 Datasheet HTML 71Page - Texas Instruments AFE4490 Datasheet HTML 72Page - Texas Instruments AFE4490 Datasheet HTML 73Page - Texas Instruments AFE4490 Datasheet HTML 74Page - Texas Instruments AFE4490 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
Sample Number
0
200
400
600
800
1000
435000
436000
437000
438000
439000
440000
441000
442000
443000
444000
445000
446000
447000
71
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 95. (LED-Ambient) Data with an Optimal AFE Setting
9.2.3 Application Curves
This section outlines the trends described in the Typical Characteristics section from an application perspective.
Figure 1 illustrates the receiver current across different external clock frequencies. Each of the curves
corresponds to a different CLKDIV_EXTMODE setting that determines the division ratio between the external
clock and the internal clock (CLK_INT). The internal clock frequency must be in the range of 4 MHz to 6 MHz for
proper operation, and each curve corresponds to a sweep of the external clock frequency that corresponds to an
internal clock frequency sweep over the range of 4 MHz to 6 MHz.
Figure 2 illustrates the receiver current across the PRF with the dynamic power-down signal (PDN_CYCLE)
enabled during the portion of the period when the receiver does not need to be active. The active period is
maintained as 500 µs for each PRF setting and the device is in power-down mode (set by PDN_CYCLE) for the
rest of the period. Additionally, the timing margins indicated as t8 and t9 in Figure 35 are included before and
after the PDN_CYCLE pulse. The fraction of time that the device is in power-down mode over a period increases
with reduction in the PRF because the period scales inversely with PRF. This timing is the reason why the curve
displays a reduction in the average receiver current with reduction in PRF. The curve corresponding to
CLKDIV_PRF = 1 terminates at a lower PRF of approximately 61 Hz, which is determined by the maximum
range of the 16-bit timing counter (4 MHz divided by 216). With the CLKDIV_PRF set to 16, the timer clock is
divided by 16. Thus, the lower PRF range can be extended down to a few hertz (the recommended operation is
to restrict the range to 10 Hz or higher). For the same PRF (for example 100 Hz), a higher CLKDIV_PRF setting
results in a lower power consumption because the timer engine runs on a slower clock and takes less switching
current.
The noise plots from Figure 3 to Figure 7 are taken at a PRF of 100 Hz. For this PRF setting, the noise at the
output of the AFE is distributed from 0 Hz to 50 Hz. Plots that indicate the noise as over Nyquist bandwidth have
integrated noise from 1 Hz to 50 Hz. The plots that indicate the noise as over 20-Hz bandwidth have integrated
noise until 20 Hz. These plots are suitable for when additional low-pass filtering is implemented in the MCU to
limit the noise bandwidth (in this case, to 20 Hz). This low-pass filtering can improve SNR because the PPG
signal has information contained in the frequency band below 10 Hz.
Figure 3 illustrates the input-referred noise current versus sampling duration duty cycle for different voltage levels
at the receiver output. The PPG signal has a dc component that can cause the signal at the output of the
receiver to be anywhere between ±FS (full-scale). The curves in Figure 3 illustrate a slight increase in the noise
around higher dc levels, which results from additional noise sources in the ADC. The input-referred noise current
can be visualized as a noise current flowing into one of the input pins (for instance, INP) and flowing out of the
other (for example, INM). The noise is computed on the samples that constitute the difference between the LED
phase and the ambient phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com