Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 7 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
7
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
PRF refers to the rate at which samples from each of the four phases are output from the AFE.
(2)
To extend the lower range of PRF down to 10 Hz, program the CLKDIV_PRF setting.
(3)
The effective bandwidth of the switched RC filter scales as a function of the sampling duty cycle. For example, at 2% sampling width
duty cycle, the effective bandwidth of the switched RC filter is approximately 50 Hz.
(4)
With appropriate setting of the clock divider ratio (CLKDIV_EXTMODE).
(5)
dBFS refers to a full-scale voltage of 2 V.
7.5 Electrical Characteristics
Minimum and maximum specifications are at TA = –20°C to 70°C, typical specifications are at 25°C. TX_SUP = 4 V, RX_SUP
= IO_SUP = 3 V, 100-Hz PRF, 8-MHz external clock (with CLKDIV_EXTMODE set to divide-by-2), detector CIN = 50 pF, and
CLKDIV_PRF set to 1, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PULSE REPETITION FREQUENCY
PRF(1)
Pulse repetition frequency
10(2)
1000
SPS
RECEIVER
Offset cancellation DAC current range
–7 to 7
µA
Offset cancellation DAC current step
0.47
µA
TIA gain setting
10k to 2M
Ω
Cf setting
2.5 to 25
pF
Switched RC filter bandwidth
2.5(3)
kHz
ADC averages
1
16
Detector capacitance
Differential capacitance between INP, INN
10
200
pF
TRANSMITTER
LED current range
ILED_2X = 0
0 to 50
mA
ILED_2X = 1
0 to 100
LED current resolution
6
Bits
CLOCKING (Internal Oscillator)
Frequency
4
MHz
Accuracy
Room temperature
±1%
Frequency drift with temperature
Full temperature range
±0.5%
Jitter (RMS)
100
ps
Output clock high level
IO_SUP
V
Output clock low level
0
V
Output clock rise and fall times
10% to 90%, 15-pF load capacitance on
CLK pin
< 30
ns
CLOCKING (External Clock)
Frequency range(4)
4
60
MHz
Input clock high level
IO_SUP
V
Input clock low level
0
V
Input capacitance of CLK pin
Capacitance to ground
< 4
pF
I2C INTERFACE
Maximum clock speed
400
kHz
I2C slave address
58
Hex
PERFORMANCE
Receiver SNR
SNR over a 20-Hz bandwidth for a 500-kΩ
gain setting, 50% FS output, 2% LED and
sampling pulse duration,
ADC averages set to 16
100
dBFS(5)
Transmitter SNR
SNR over a 20-Hz bandwidth for a 50-mA
LED current setting
100
dBFS(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com