Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 76 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 76 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 72Page - Texas Instruments AFE4490 Datasheet HTML 73Page - Texas Instruments AFE4490 Datasheet HTML 74Page - Texas Instruments AFE4490 Datasheet HTML 75Page - Texas Instruments AFE4490 Datasheet HTML 76Page - Texas Instruments AFE4490 Datasheet HTML 77Page - Texas Instruments AFE4490 Datasheet HTML 78Page - Texas Instruments AFE4490 Datasheet HTML 79Page - Texas Instruments AFE4490 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
76
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The tCHANNEL parameter is specified in the Electrical Characteristics table.
Table 79. Timing Parameters for Power Supply Sequencing, Device Initialization, and Power-Down
Timing
VALUE
t1
Time between RX_SUP and IO_SUP ramping up
Ramp up RX_SUP before or at the same time as IO_SUP. Keep t1 as
small as possible (for example,10 ms).
t2
Time between RX_SUP and TX_SUP ramping up
Keep t2 as small as possible (for example,10 ms).
t3
Time between all supplies stabilizing and start of the RESETZ low-
going pulse
> 10 ms
t4
RESETZ pulse duration for the device to get reset
Between 25 µs and 50 µs
t5
Time between resetting the device and issuing of I2C commands
> 1 ms
t6
Time between I2C commands and the ADC_RDY pulse that
corresponds to valid data
tCHANNEL
(1)
t7
RESETZ pulse duration for the device to enter PWDN (power-down)
mode
> 200 µs
t8
Time from exiting power-down mode and subsequently resetting the
device
> 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com