Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE4490
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
8
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –20°C to 70°C, typical specifications are at 25°C. TX_SUP = 4 V, RX_SUP
= IO_SUP = 3 V, 100-Hz PRF, 8-MHz external clock (with CLKDIV_EXTMODE set to divide-by-2), detector CIN = 50 pF, and
CLKDIV_PRF set to 1, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
In dynamic power-down mode for 90% and active mode for 10% of the period.
(7)
External clock mode with the external clock switched off.
(8)
LED currents set to 0 mA.
(9)
For full performance to be restored, a longer time as governed by tCHANNEL can be applicable.
(10) tCHANNELscales inversely with the sampling duty cycle.
CURRENT CONSUMPTION
RX_SUP current
Normal operation, in dynamic power-down
mode(6)
300
µA
Always ON receiver, external clock mode
620
Always ON receiver, internal oscillator mode
670
Hardware power-down (PWDN) mode(7)
3
Software power-down (PDNAFE) mode(7)
35
IO_SUP current
Normal operation, in dynamic power-down
mode(6)
20
µA
Always ON receiver, external clock mode
20
Always ON receiver, internal oscillator mode
5
Hardware power-down (PWDN) mode(7)
3
Software power-down (PDNAFE) mode(7)
5
TX_SUP current
Normal operation, in dynamic power-down
mode(6)(8)
5
µA
Always ON receiver, external clock mode(8)
25
Always ON receiver, internal oscillator
mode(8)
25
Hardware power-down (PWDN) mode(7)(8)
2
Software power-down (PDNAFE) mode(7)(8)
2
TRANSIENT RECOVERY
tACTIVE
Recovery from PWDN mode
Time for signal chain to be functional(9)
10
ms
tCHANNEL
Recovery from any event causing a
change in signal characteristics
PRF = 100 Hz, sampling duty cycle
(each phase) of 2%(10)
200
ms
DIGITAL INPUTS
VIH
High-level input voltage
0.9 ×
IO_SUP
IO_SUP
V
VIL
Low-level input voltage
0
0.1 ×
IO_SUP
V
DIGITAL OUTPUTS
VOH
High-level output voltage
IO_SUP
V
VOL
Low-level output voltage
0
V
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
tI2C_RISE
I2C data rise time with a 10-kΩ pullup resistor with a 20-pF load from I
2C
data to GND
1200
ns
tI2C_FALL
I2C data fall time (when the data line is pulled down by the AFE) with a 20-pF
load from I2C data to GND
28
ns
tADC_RDY_RISE
ADC_RDY rise time (10% to 90%) with a 15-pF capacitive load to ground
21
ns
tADC_RDY_FALL
ADC_RDY fall time (90% to 10%) with a 15-pF capacitive load to ground
21
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com