Electronic Components Datasheet Search
  English  ▼

X  

LM27966 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27966
Description  White LED Driver with I2C Compatible Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27966 Datasheet HTML 1Page - National Semiconductor (TI) LM27966 Datasheet HTML 2Page - National Semiconductor (TI) LM27966 Datasheet HTML 3Page - National Semiconductor (TI) LM27966 Datasheet HTML 4Page - National Semiconductor (TI) LM27966 Datasheet HTML 5Page - National Semiconductor (TI) LM27966 Datasheet HTML 6Page - National Semiconductor (TI) LM27966 Datasheet HTML 7Page - National Semiconductor (TI) LM27966 Datasheet HTML 8Page - National Semiconductor (TI) LM27966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
24 Pin Quad LLP Package
NS Package Number SQA24A
20190102
Pin Descriptions
Pin #s
Pin Names
Pin Descriptions
24
V
IN
Input voltage. Input range: 2.7V to 5.5V.
23
P
OUT
Charge Pump Output Voltage
19, 22 (C1)
20, 21 (C2)
C1, C2
Flying Capacitor Connections
12, 13, 14, 15,
16
D5, D4, D3, D2,
D1
LED Drivers - Main Display
3D
AUX
LED Driver - Indicator LED
17
I
SET
Placing a resistor (R
SET) between this pin and GND sets the full-scale LED
current for Dx , and D
AUX LEDs.
LED Current = 200 x (1.25V ÷ R
SET)
1
SCL
Serial Clock Pin
2
SDIO
Serial Data Input/Output Pin
7
VIO
Serial Bus Voltage Level Pin
10
RESET
Harware Reset Pin. High = Normal Operation, Low = RESET
9, 18, DAP
GND
Ground
4, 5, 6, 8, 11
NC
No Connect
Ordering Information
Order Information
Package
Supplied As
LM27966SQ
SQA24 LLP
1000 Units, Tape & Reel
LM27966SQX
4500 Units, Tape & Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com