Electronic Components Datasheet Search
  English  ▼

X  

LM27966 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27966
Description  White LED Driver with I2C Compatible Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM27966 Datasheet HTML 5Page - National Semiconductor (TI) LM27966 Datasheet HTML 6Page - National Semiconductor (TI) LM27966 Datasheet HTML 7Page - National Semiconductor (TI) LM27966 Datasheet HTML 8Page - National Semiconductor (TI) LM27966 Datasheet HTML 9Page - National Semiconductor (TI) LM27966 Datasheet HTML 10Page - National Semiconductor (TI) LM27966 Datasheet HTML 11Page - National Semiconductor (TI) LM27966 Datasheet HTML 12Page - National Semiconductor (TI) LM27966 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Information (Continued)
T
J =TA +(PDISS x
θ
JA)
The junction temperature rating takes precedence over the
ambient temperature rating. The LM27966 may be operated
outside the ambient temperature rating, so long as the junc-
tion temperature of the device does not exceed the maxi-
mum operating rating of 100˚C. The maximum ambient tem-
perature rating must be derated in applications where high
power dissipation and/or poor thermal resistance causes the
junction temperature to exceed 100˚C.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM27966
when the junction temperature exceeds 170˚C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below 165˚C (typ.).
It is important that the board layout provide good thermal
conduction to keep the junction temperature within the speci-
fied operating ratings.
CAPACITOR SELECTION
The LM27966 requires 4 external capacitors for proper op-
eration (C
1 =C2 = 1µF, CIN =COUT = 1µF). Surface-mount
multi-layer ceramic capacitors are recommended. These ca-
pacitors are small, inexpensive and have very low equivalent
series resistance (ESR <20m
Ω typ.). Tantalum capacitors,
OS-CON capacitors, and aluminum electrolytic capacitors
are not recommended for use with the LM27966 due to their
high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM27966. These capacitors have tight capacitance toler-
ance (as good as ±10%) and hold their value over tempera-
ture (X7R: ±15% over -55˚C to 125˚C; X5R: ±15% over
-55˚C to 85˚C).
Capacitors with Y5V or Z5U temperature characteristic are
generally not recommended for use with the LM27966. Ca-
pacitors with these temperature characteristics typically
have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30˚C
to +85˚C range; Z5U: +22%, -56% over +10˚C to +85˚C
range). Under some conditions, a nominal 1µF Y5V or Z5U
capacitor could have a capacitance of only 0.1µF. Such
detrimental deviation is likely to cause Y5V and Z5U capaci-
tors to fail to meet the minimum capacitance requirements of
the LM27966.
The minimum voltage rating acceptable for all capacitors is
6.3V. The recommended voltage rating for the input and
output capacitors is 10V to account for DC bias capacitance
losses.
PCB LAYOUT CONSIDERATIONS
The LLP is a leadframe based Chip Scale Package (CSP)
with very good thermal properties. This package has an
exposed DAP (die attach pad) at the center of the package
measuring 2.6mm x 2.5mm. The main advantage of this
exposed DAP is to offer lower thermal resistance when it is
soldered to the thermal land on the PCB. For PCB layout,
National highly recommends a 1:1 ratio between the pack-
age and the PCB thermal land. To further enhance thermal
conductivity, the PCB thermal land may include vias to a
ground plane. For more detailed instructions on mounting
LLP packages, please refer to National Semiconductor Ap-
plication Note AN-1187.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com