Electronic Components Datasheet Search
  English  ▼

X  

LM27966 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27966
Description  White LED Driver with I2C Compatible Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM27966 Datasheet HTML 1Page - National Semiconductor (TI) LM27966 Datasheet HTML 2Page - National Semiconductor (TI) LM27966 Datasheet HTML 3Page - National Semiconductor (TI) LM27966 Datasheet HTML 4Page - National Semiconductor (TI) LM27966 Datasheet HTML 5Page - National Semiconductor (TI) LM27966 Datasheet HTML 6Page - National Semiconductor (TI) LM27966 Datasheet HTML 7Page - National Semiconductor (TI) LM27966 Datasheet HTML 8Page - National Semiconductor (TI) LM27966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN pin voltage
-0.3V to 6.0V
SCL, SDIO, VIO, RESET pin
voltages
-0.3V to (V
IN+0.3V)
w/ 6.0V max
I
Dx Pin Voltages
-0.3V to
(V
POUT+0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150oC
Storage Temperature Range
-65oC to +150o C
Maximum Lead Temperature
(Soldering)
(Note 4)
ESD Rating(Note 5)
Human Body Model
2.0kV
Operating Rating (Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
LED Voltage Range
2.0V to 4.0V
Junction Temperature (T
J) Range
-30˚C to +100˚C
Ambient Temperature (T
A)
Range(Note 6)
-30˚C to +85˚C
Thermal Properties
Juntion-to-Ambient Thermal
Resistance (
θ
JA), SQA24A Package
(Note 7)
41.3˚C/W
ESD Caution Notice National Semiconduc-
tor recommends that all integrated circuits be handled with
appropriate ESD precautions. Failure to observe proper
ESD handling techniques can result in damage to the
device.
Electrical Characteristics (Notes 2, 8)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VRESET =VIN; VIO = 1.8V VDx = 0.4V; VDAUX = 0.4V; RSET = 16.9kΩ;Dx =DAUX =
Fullscale Current; EN-MAIN, EN-D5 Bits = “1”; C1=C2=1.0µF, C
IN=COUT=1.0µF; Specifications related to output current(s) and
current setting pins (I
Dx and ISET) apply to Main Display and Auxiliary LED. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Dx
Output Current Regulation
Main Display or Auxiliary LED
Enabled
3.0V
≤ V
IN
≤ 5.5V
EN-AUX= ’0’
18.2
(-9.5%)
20.1
22.0
(+9.5%)
mA
(%)
3.0V
≤ V
IN
≤ 5.5V
EN-AUX = ’1’ and EN-MAIN = EN-D5 = ’0’
19.2
(-7.7%)
20.8
22.4
(+7.7%)
mA
(%)
Maximum Output Current
Regulation
Main Display and Auxiliary LED
Enabled
(Note 10)
3.2V
≤ V
IN
≤ 5.5V
R
SET = 8.33k
Ω
V
LED = 3.6V
EN-MAIN = EN-D5 = EN-AUX = “1”
30
Dx
mA
30
D
AUX
I
Dx-MATCH
LED Current Matching
(Note 11)
0.3
1.7
%
R
OUT
Open-Loop Charge Pump Output
Resistance
Gain = 3/2
2.75
Ω
Gain = 1
1
V
DxTH
V
Dx 1x to 3/2x Gain Transition
Threshold
V
Dx Falling
RSET = 16.9k
Ω
175
mV
V
HR
Current Source Headroom Voltage
Requirement
(Note 12)
I
Dxx = 95% xIDxx (nom.)
(I
Dxx (nom)
≈ 15mA)
Gain = 3/2
EN-MAIN = EN-D5 and/or EN-AUX= "1"
110
mV
I
Q
Quiescent Supply Current
Gain = 1.5x, No Load
2.90
3.32
mA
I
SD
Shutdown Supply Current
All EN-x bits = "0"
3.4
5.4
µA
V
SET
I
SET Pin Voltage
2.7V
≤ V
IN
≤ 5.5V
1.25
V
I
Dx/
I
SET
Output Current to Current Set
Ratio Main Display, DAUX
200
f
SW
Switching Frequency
0.89
1.27
1.57
MHz
t
START
Start-up Time
P
OUT = 90% steady state
250
µs
f
PWM
Internal Diode Current PWM
Frequency
20
kHz
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com