Electronic Components Datasheet Search
  English  ▼

X  

LM27966 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27966
Description  White LED Driver with I2C Compatible Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27966 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM27966 Datasheet HTML 1Page - National Semiconductor (TI) LM27966 Datasheet HTML 2Page - National Semiconductor (TI) LM27966 Datasheet HTML 3Page - National Semiconductor (TI) LM27966 Datasheet HTML 4Page - National Semiconductor (TI) LM27966 Datasheet HTML 5Page - National Semiconductor (TI) LM27966 Datasheet HTML 6Page - National Semiconductor (TI) LM27966 Datasheet HTML 7Page - National Semiconductor (TI) LM27966 Datasheet HTML 8Page - National Semiconductor (TI) LM27966 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
Note 10: The maximum total output current for the LM27966 should be limited to 180mA. The total output current can be split among any of the three banks (IDxA
=IDxC = 30mA Max.). Under maximum output current conditions, special attention must be given to input voltage and LED forward voltage to ensure proper current
regulation. See the Maximum Output Current section of the datasheet for more information.
Note 11: For the Main Display group of outputs on a part, the following are determined: the maximum output current in the group (MAX), the minimum output current
in the group (MIN), and the average output current of the group (AVG). Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest
number of the two (worst case) is considered the matching figure for the bank. The typical specification provided is the most likely norm of the matching figure for
all parts.
Note 12: For each IDxx output pin, headroom voltage is the voltage across the internal current sink connected to that pin. For Main and Aux outputs, VHR =VOUT
-VLED. If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 13: SCL and SDIO signals are referenced to VIO and GND for minimum VIO voltage testing.
Note 14: SCL and SDIO should be glitch-free in order for proper brightness control to be realized.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com