Electronic Components Datasheet Search
  English  ▼

X  

UCC28061 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC28061
Description  Natural Interleaving™ Transition-Mode PFC Controller With Improved Audible Noise Immunity
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28061 Datasheet(HTML) 2 Page - Texas Instruments

  UCC28061 Datasheet HTML 1Page - Texas Instruments UCC28061 Datasheet HTML 2Page - Texas Instruments UCC28061 Datasheet HTML 3Page - Texas Instruments UCC28061 Datasheet HTML 4Page - Texas Instruments UCC28061 Datasheet HTML 5Page - Texas Instruments UCC28061 Datasheet HTML 6Page - Texas Instruments UCC28061 Datasheet HTML 7Page - Texas Instruments UCC28061 Datasheet HTML 8Page - Texas Instruments UCC28061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
UCC28061-Q1
SLUSB01 – MARCH 2012
www.ti.com
CONTENTS
•
Ordering Information 2
•
Electrical Characteristics 4
•
Device Information 7
•
Functional Block Diagram 9
•
Typical Characteristics 10
•
Application Information 16
•
Design Example 22
•
Additional References 29
DESCRIPTION
Optimized for consumer applications concerned with audible noise elimination, this solution extends the
advantages of transition mode—high efficiency with low-cost components—to higher power ratings than
previously possible. By utilizing a Natural Interleaving technique, both channels operate as masters (that is, there
is no slave channel) synchronized to the same frequency. This approach delivers inherently strong matching,
faster responses, and ensures that each channel operates in transition mode.
Complete system-level protections feature input brownout, output over-voltage, open-loop, overload, soft-start,
phase-fail detection, and thermal shutdown. The additional FailSafe over-voltage protection (OVP) feature
protects against shorts to an intermediate voltage that, if undetected, could lead to catastrophic device failure.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
OPERATING TEMPERATURE RANGE,
PART NUMBER
Package Marking
PACKAGE(2)
TA
UCC28061QDRQ1
28061Q1
SOIC 16-Pin (D)
–40°C to +125°C
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
SOIC (D) package is available taped and reeled by adding R to the above part number. Reeled quantities for UCC28061-Q1DR are
2500 devices per reel.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC28061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com