Electronic Components Datasheet Search
  English  ▼

X  

UCC28061 Datasheet(PDF) 26 Page - Texas Instruments

Part # UCC28061
Description  Natural Interleaving™ Transition-Mode PFC Controller With Improved Audible Noise Immunity
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28061 Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC28061 Datasheet HTML 22Page - Texas Instruments UCC28061 Datasheet HTML 23Page - Texas Instruments UCC28061 Datasheet HTML 24Page - Texas Instruments UCC28061 Datasheet HTML 25Page - Texas Instruments UCC28061 Datasheet HTML 26Page - Texas Instruments UCC28061 Datasheet HTML 27Page - Texas Instruments UCC28061 Datasheet HTML 28Page - Texas Instruments UCC28061 Datasheet HTML 29Page - Texas Instruments UCC28061 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
C
³
OUT
=
»
m
147 F
V
(V
)
-
OUT
OUT_MIN
2
2
2
P
OUT
h
1
f
LINE
(390V)
(240V)
-
2
2
2
300W
0.92
1
47Hz
C
=200 F
m
OUT
2
1
2
300
14
4
0 92
390
4
47
200
h
p
p
m
´
´
=
=
»
´
´
´
´
´
´
´
OUT
RIPPLE
OUT
LINE
OUT
P
W
V
V
V
f
C
.
V
Hz
F
I
=
COUT_100Hz
=
=0.591A
P
OUT
V
´ h
Ö
OUT
´
2
300W
390V
0.92
´
´ Ö
2
I
=
COUT_HF
-
(I
)
COUT_100 Hz
2
P
2
OUT
Ö
2
2 ´
´
h
V
IN_MIN
4
V
Ö
IN_MIN
2
9 V
p
OUT
2
I
=
COUT_HF
-
(0.591A)
2
300W
2
´
Ö
2
2 ´
´
0.92
85V
4
85V
Ö ´
2
9
390V
p ´
2
»
0.966A
UCC28061-Q1
SLUSB01 – MARCH 2012
www.ti.com
Output Capacitor Selection
The output capacitor (COUT) is selected based on holdup requirements as shown in Equation 19.
(19)
Two 100-
μF capacitors were used in parallel for the output capacitor:
(20)
For this size capacitor, the output voltage ripple (VRIPPLE) is approximately 11 V, as shown in Equation 21:
(21)
In addition to hold-up requirements, a capacitor must be selected so that it can withstand the low-frequency RMS
current (ICOUT_100 Hz) and the high-frequency RMS current (ICOUT_HF); see Equation 22 to Equation 24. High-
voltage electrolytic capacitors generally have both a low- and a high-frequency RMS current rating on the product
data sheets.
(22)
(23)
(24)
26
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC28061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com