Electronic Components Datasheet Search
  English  ▼

X  

UCC28061 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28061
Description  Natural Interleaving™ Transition-Mode PFC Controller With Improved Audible Noise Immunity
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28061 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28061 Datasheet HTML 2Page - Texas Instruments UCC28061 Datasheet HTML 3Page - Texas Instruments UCC28061 Datasheet HTML 4Page - Texas Instruments UCC28061 Datasheet HTML 5Page - Texas Instruments UCC28061 Datasheet HTML 6Page - Texas Instruments UCC28061 Datasheet HTML 7Page - Texas Instruments UCC28061 Datasheet HTML 8Page - Texas Instruments UCC28061 Datasheet HTML 9Page - Texas Instruments UCC28061 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
UCC28061-Q1
SLUSB01 – MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 16 V, AGND = PGND = 0 V, VINAC = 3 V, VSENSE = 6 V, HVSEN = 3 V, PHB = 5 V, RTSET = 133 kΩ; all voltages
are with respect to GND, all outputs unloaded, –40°C < TJ = TA < +125°C, and currents are positive into and negative out of
the specified terminal, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PULSE-WIDTH MODULATOR
KTL
On-time factor, phases A and B
VINAC = 3.2 V, VSENSE = 5.8 V(3)
3.6
4.0
4.4
μs/V
VINAC = 3.2 V, VSENSE = 5.8 V,
KTLS
On-time factor, single-phase, A
7.2
8
8.9
PHB = 0 V(3)
Phase B to phase A on-time matching
VSENSE = 5.8 V, VINAC = 3.2 V
–6%
6%
COMP = 0.25 V, VINAC = 1 V
1.2
2
2.7
Zero-crossing distortion correction additional on
μs
time
COMP = 0.25 V, VINAC = 0.1 V
12.6
20
29
PHB threshold falling, to single-phase operation
To GDB output shutdown VINAC = 1.5 V
0.7
0.8
0.9
V
PHB threshold rising, to two-phase operation
To GDB output running VINAC = 1.5 V
0.9
1.0
1.1
T(min)
Minimum switching period
RTSET = 133 kΩ
(3)
1.7
2.2
2.5
μs
PWM restart time
ZCDA = ZCDB = 2 V(4)
165
200
265
THERMAL SHUTDOWN
Thermal shutdown temperature
TJ, temperature rising
(5)
+160
°C
Thermal restart temperature
TJ, temperature falling
(5)
+140
(3)
Gate drive on-time is proportional to VCOMP – 125 mV. The on-time proportionality factor, KT, is different in two-phase and single-phase
modes. The on-time factor, KT, scales linearly with the value of RTSET. The minimum switching period is proportional to RTSET.
(4)
An output on-time is generated at both GDA and GDB if both ZCDA and ZCDB negative-going edges are not detected for the restart
time. In single-phase mode, the restart time applies for the ZCDA input and the GDA output.
(5)
Thermal shutdown occurs at temperatures higher than the normal operating range. Device performance above the normal operating
temperature is not specified or assured.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC28061-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com