Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 24 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 20Page - Texas Instruments TSC2102IDA Datasheet HTML 21Page - Texas Instruments TSC2102IDA Datasheet HTML 22Page - Texas Instruments TSC2102IDA Datasheet HTML 23Page - Texas Instruments TSC2102IDA Datasheet HTML 24Page - Texas Instruments TSC2102IDA Datasheet HTML 25Page - Texas Instruments TSC2102IDA Datasheet HTML 26Page - Texas Instruments TSC2102IDA Datasheet HTML 27Page - Texas Instruments TSC2102IDA Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
24
STEREO AUDIO DAC
The TSC2102 includes a stereo audio DAC, which can operate with a maximum sampling rate of 48 kHz and can support
all standard audio rates of 8 kHz, 11.025 kHz, 12 kHz, 16kHz, 22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, and 48 kHz.
When the DAC is operating, the TSC2102 requires an audio MCLK input applied. The user is required to set D13 of control
register 06H/Page2 to indicate which Fsref rate is being used. If the DAC is powered up, then the touch screen ADC runs
off the MCLK and BCLK, and the internal oscillator is powered down to save power.
Each channel of the stereo audio DAC consists of a digital audio processing block, a digital interpolation filter, digital
delta-sigma modulator, and analog reconstruction filter. The DAC is designed to provide enhanced performance at low
sample rates through increased oversampling and image filtering, thereby keeping quantization noise generated within the
delta-sigma modulator and signal images strongly suppressed within the audio band to beyond 20 kHz. This is realized
by keeping the upsampled rate constant at 128 x Fsref and changing the oversampling ratio as the input sample rate is
changed. For Fsref of 48 kHz, the digital delta-sigma modulator always operates at a rate of 6.144 MHz. This ensures that
quantization noise generated within the delta-sigma modulator stays low within the frequency band below 20 kHz at all
sample rates. Similarly, for Fsref rate of 44.1 kHz, the digital delta-sigma modulator always operates at a rate of 5.6448
MHz.
PLL
The TSC2102 has an on chip PLL to generate the needed internal audio clocks from the clock available in the system. The
PLL supports a MCLK varying from 2 MHz to 50 MHz and is register programmable to enable generation of the required
sampling rates from a wide range of system clocks.
The DAC sampling rate is given by:
DAC_FS = Fsref/N
where, Fsref is 44.1 kHz or 48 kHz and N =1, 1.5, 2, 3, 4, 5, 6 are register programmable.
The PLL can be enabled or disabled using register programmability.
D When PLL is disabled
Fsref
+ MCLK
128
Q
Q = 2, 3
…17
D When PLL is enabled
Fsref
+ MCLK
K
2048
P
P = 1, 2, 3,
…, 8
K = J.D
J = 1, 2, 3,
….,64
D = 0, 1, 2,
…, 9999
where, D is the 4-digit fractional part of K with lagging zeros (e.g. if K = 8.5, then D = 5000 and if K = 8.02, then D = 200).
P, J and D are register programmable.
D When D = 0, the following condition needs to be satisfied
2MHz
v MCLK
P
v 20 MHz
D When D ≠ 0, the following condition needs to be satisfied
10 MHz
v MCLK
P
v 20 MHz
Example 1:
For MCLK = 12 MHz and Fsref = 44.1 kHz
P = 1, K = 7.5264
⇒ J = 7, D = 5264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com