Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 30 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 26Page - Texas Instruments TSC2102IDA Datasheet HTML 27Page - Texas Instruments TSC2102IDA Datasheet HTML 28Page - Texas Instruments TSC2102IDA Datasheet HTML 29Page - Texas Instruments TSC2102IDA Datasheet HTML 30Page - Texas Instruments TSC2102IDA Datasheet HTML 31Page - Texas Instruments TSC2102IDA Datasheet HTML 32Page - Texas Instruments TSC2102IDA Datasheet HTML 33Page - Texas Instruments TSC2102IDA Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
30
TSC2102 MEMORY MAP
The TSC2102 has several 16-bit registers, which allow control of the device as well as providing a location for results from
the TSC2102 to be stored until read by the host microprocessor. These registers are separated into three pages of memory
in the TSC2102: a data page (Page 0) and control pages (Page 1 and Page 2). The memory map is shown in Table 3.
Table 3. Memory Map
Page 0: Touch Screen Data Registers
Page 1: Touch Screen Control Registers
Page 2: Audio Control Registers
ADDR
REGISTER
ADDR
REGISTER
ADDR
REGISTER
00
X
00
TSC ADC
00
Audio Control 1
01
Y
01
Status
01
Reserved
02
Z1
02
Reserved
02
DAC Volume Control
03
Z2
03
Reference
03
Reserved
04
Reserved
04
Reset
04
Audio Control 2
05
BAT1
05
Configuration
05
Stereo DAC Power Control
06
BAT2
06
Reserved
06
Audio Control 3
07
AUX
07
Reserved
07
Audio Bass−Boost Filter Coefficients
08
Reserved
08
Reserved
08
Audio Bass−Boost Filter Coefficients
09
TEMP1
09
Reserved
09
Audio Bass−Boost Filter Coefficients
0A
TEMP2
0A
Reserved
0A
Audio Bass−Boost Filter Coefficients
0B
Reserved
0B
Reserved
0B
Audio Bass−Boost Filter Coefficients
0C
Reserved
0C
Reserved
0C
Audio Bass−Boost Filter Coefficients
0D
Reserved
0D
Reserved
0D
Audio Bass−Boost Filter Coefficients
0E
Reserved
0E
Reserved
0E
Audio Bass−Boost Filter Coefficients
0F
Reserved
0F
Reserved
0F
Audio Bass−Boost Filter Coefficients
10
Reserved
10
Reserved
10
Audio Bass−Boost Filter Coefficients
11
Reserved
11
Reserved
11
Audio Bass−Boost Filter Coefficients
12
Reserved
12
Reserved
12
Audio Bass−Boost Filter Coefficients
13
Reserved
13
Reserved
13
Audio Bass−Boost Filter Coefficients
14
Reserved
14
Reserved
14
Audio Bass−Boost Filter Coefficients
15
Reserved
15
Reserved
15
Audio Bass−Boost Filter Coefficients
16
Reserved
16
Reserved
16
Audio Bass−Boost Filter Coefficients
17
Reserved
17
Reserved
17
Audio Bass−Boost Filter Coefficients
18
Reserved
18
Reserved
18
Audio Bass−Boost Filter Coefficients
19
Reserved
19
Reserved
19
Audio Bass−Boost Filter Coefficients
1A
Reserved
1A
Reserved
1A
Audio Bass−Boost Filter Coefficients
1B
Reserved
1B
Reserved
1B
PLL Programmability
1C
Reserved
1C
Reserved
1C
PLL Programmability
1D
Reserved
1D
Reserved
1D
Audio Control 4
1E
Reserved
1E
Reserved
1E
Reserved
1F
Reserved
1F
Reserved
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com