Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 32 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 32 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 28Page - Texas Instruments TSC2102IDA Datasheet HTML 29Page - Texas Instruments TSC2102IDA Datasheet HTML 30Page - Texas Instruments TSC2102IDA Datasheet HTML 31Page - Texas Instruments TSC2102IDA Datasheet HTML 32Page - Texas Instruments TSC2102IDA Datasheet HTML 33Page - Texas Instruments TSC2102IDA Datasheet HTML 34Page - Texas Instruments TSC2102IDA Datasheet HTML 35Page - Texas Instruments TSC2102IDA Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
32
BIT
FUNCTION
RESET VALUE
READ/
WRITE
NAME
D13−10
ADSCM
R/W
0000
A/D Scan Mode.
0000 => No scan
0001 => Touch screen scan function: X and Y coordinates are converted and the results
returned to X and Y data registers. Scan continues until either the pen is lifted
or a stop bit is sent.
0010 => Touch screen scan function: X, Y, Z1 and Z2 coordinates are converted and the
results returned to X, Y, Z1 and Z2 data registers. Scan continues until either
the pen is lifted or a stop bit is sent.
0011 => Touch screen scan function: X coordinate is converted and the results returned
to X data register.
0100 => Touch screen scan function: Y coordinate is converted and the results returned
to Y data register.
0101 => Touch screen scan function: Z1 and Z2 coordinates are converted and the results
returned to Z1 and Z2 data registers.
0110 => BAT1 input is converted and the result is returned to the BAT1 data register.
0111 => BAT2 input is converted and the result is returned to the BAT2 data register.
1000 => AUX input is converted and the result is returned to the AUX data register.
1001 => Scan function :AUX input is converted and the result is returned to the AUX data
register. Scan continues until stop bit is sent.
1010 => TEMP1 is converted and the result is returned to the TEMP1 data register.
1011 => Port scan function: BAT1, BAT2 and AUX inputs are measured and the results
returned to the appropriate data registers.
1100 => TEMP2 is converted and the result is returned to the TEMP2 data register.
1101 => Turn on X+, X− drivers
1110 => Turn on Y+, Y− drivers
1111 => Turn on Y+, X− drivers
D9−D8
RESOL
R/W
00
Resolution Control. The A/D converter resolution is specified with these bits.
00 => 12−bit resolution
01 => 8−bit resolution
10 => 10−bit resolution
11 => 12−bit resolution
D7−D6
ADAVG
R/W
00
Converter Averaging Control. These two bits allow you to specify the number of averages
the converter performs selected by bit D0, which selects either mean filter or
median filter.
Mean Filter
Median filter
00 =>
No average
No average
01 =>
4−data average
5-data average
10 =>
8−data average
9-data average
11 =>
16−data average
15-data average
D5−D4
ADCR
R/W
00
Conversion Rate Control. These two bits specify the internal clock rate which the A/D
converter uses to perform a single conversion. These bits are the same
whether reading or writing.
tconv +
N
) 4
ƒ
INTCLK
where fINTCLK is the internal clock frequency. For example, with 12-bit resolution and a
2-MHz internal clock frequency, the conversion time is 8.0
µs. This yields an effective
throughput rate of 125 kHz.
00 => 8-MHz internal clock rate (use for 8-bit resolution only)
01 => 4-MHz internal clock rate (use for 8-bit/10-bit resolution only)
10 => 2-MHz internal clock rate
11 => 1-MHz internal clock rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com