Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 40 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 40 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 36Page - Texas Instruments TSC2102IDA Datasheet HTML 37Page - Texas Instruments TSC2102IDA Datasheet HTML 38Page - Texas Instruments TSC2102IDA Datasheet HTML 39Page - Texas Instruments TSC2102IDA Datasheet HTML 40Page - Texas Instruments TSC2102IDA Datasheet HTML 41Page - Texas Instruments TSC2102IDA Datasheet HTML 42Page - Texas Instruments TSC2102IDA Datasheet HTML 43Page - Texas Instruments TSC2102IDA Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
40
REGISTER 0DH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_D1
R/W
32131
Left channel bass-boost coefficient D1.
REGISTER 0EH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_D2
R/W
−31506
Left channel bass-boost coefficient D2.
REGISTER 0FH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_D4
R/W
32131
Left channel bass-boost coefficient D4.
REGISTER 10H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
L_D5
R/W
−31506
Left channel bass-boost coefficient D5.
REGISTER 11H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N0
R/W
27619
Right channel bass-boost coefficient N0.
REGISTER 12H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N1
R/W
−27034
Right channel bass-boost coefficient N1.
REGISTER 13H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N2
R/W
26461
Right channel bass-boost coefficient N2.
REGISTER 14H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N3
R/W
27619
Right channel bass-boost coefficient N3.
REGISTER 15H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N4
R/W
−27034
Right channel bass-boost coefficient N4.
REGISTER 16H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_N5
R/W
26461
Right channel bass-boost coefficient N5.
REGISTER 17H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_D1
R/W
32131
Right channel bass-boost coefficient D1.
REGISTER 18H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_D2
R/W
−31506
Right channel bass-boost coefficient D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com