Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 45 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 41Page - Texas Instruments TSC2102IDA Datasheet HTML 42Page - Texas Instruments TSC2102IDA Datasheet HTML 43Page - Texas Instruments TSC2102IDA Datasheet HTML 44Page - Texas Instruments TSC2102IDA Datasheet HTML 45Page - Texas Instruments TSC2102IDA Datasheet HTML 46Page - Texas Instruments TSC2102IDA Datasheet HTML 47Page - Texas Instruments TSC2102IDA Datasheet HTML 48Page - Texas Instruments TSC2102IDA Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
45
Programmed
for Host
Controlled
Mode
Detecting Touch
Sample,Conversion &
Averaging for
X−Coordinate
Reading
X−Data
Register
Touch Is Still There
Waiting for Host to Write
into REG−00 of PAGE−01
Waiting for Host to Write Into
REG−00 of PAGE−01
REG−00 of
PAGE−01
Is Updated
for
X Scan
Mode
Detecting
Touch
SS DEACTIVATED
(As PENIRQ
[D15−D14 = 00])
PINTDAV
(As PENIRQ & DATA_AVA
[D15−D14 = 10/11])
PINTDAV
Touch Is Detected
(As DATA_AVA
[D15−D14 = 01])
PINTDAV
The time needed to convert the Z coordinate under host control (not including the time needed to send the command over
the SPI bus) is given by:
t
coordinate +
t
PVS
125 ns
t
OSC )
2
N
AVG
N
BITS )
1
8MHz
ƒconv
) n
1 )
12
) 1
t
OSC )
20
t
OSC )
n
2
t
OSC
n1 = 6 ; if ƒconv = 8 MHz
7 ; if
ƒconv ≠ 8 MHz
n2 = 2 ; if tPVS = 0 µs
0 ; if tPVS ≠ 0 µs
NOTE: For continuous touch and D15−D14 = 00/10/11, the high duration of the PINTDAV signal is given by tPRE + tSNS with an oscillator clock of
8 MHz.
Programmed
for Host
Controlled
Mode
Detecting Touch
Sample,Conversion &
Averaging for
Z1−Coordinate & Z2−Coordinate
Reading
Z1−Data
Register
Touch Is Still There
Touch Is Detected
Waiting for Host to Write
into REG−00 of PAGE−01
Waiting for Host to Write Into
REG−00 of PAGE−01
REG−00 of
PAGE−01
Is Updated
for
Z1−Z2 Scan
Mode
Reading
Z2−Data
Register
Detecting
Touch
SS DEACTIVATED
(As PENIRQ
[D15−D14 = 00])
PINTDAV
(As PENIRQ & DATA_AVA
[D15−D14 = 10/11])
PINTDAV
(As DATA_AVA
[D15−D14 = 01])
PINTDAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com