Electronic Components Datasheet Search
  English  ▼

X  

TSC2102IDA Datasheet(PDF) 41 Page - Texas Instruments

Part # TSC2102IDA
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDA Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSC2102IDA Datasheet HTML 37Page - Texas Instruments TSC2102IDA Datasheet HTML 38Page - Texas Instruments TSC2102IDA Datasheet HTML 39Page - Texas Instruments TSC2102IDA Datasheet HTML 40Page - Texas Instruments TSC2102IDA Datasheet HTML 41Page - Texas Instruments TSC2102IDA Datasheet HTML 42Page - Texas Instruments TSC2102IDA Datasheet HTML 43Page - Texas Instruments TSC2102IDA Datasheet HTML 44Page - Texas Instruments TSC2102IDA Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
41
REGISTER 19H: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_D4
R/W
32131
Right channel bass-boost coefficient D4.
REGISTER 1AH: Audio Bass Boost Coefficients
BIT
NAME
READ/
WRITE
RESET VALUE
(IN DECIMAL)
FUNCTION
D15−D0
R_D5
R/W
−31506
Right channel bass-boost coefficient D5.
REGISTER 1BH: PLL Programmability
BIT
NAME
READ/
WRITE
RESET VALUE
FUNCTION
D15
PLLEN
R/W
0
PLL Enable
0 => Disable PLL
1 => Enable PLL
D14−D11
QVAL
R/W
0010
Q value. Valid only if D15 = 0.
0000 => 16
0001 => 1
0010 => 2
1110 => 14
1111 => 15
D10−D8
PVAL
R/W
000
P value. Valid only if D15 = 1.
000=> 8
001=> 1
010 => 2
110 => 6
111 => 7
D7−D2
JVAL
R/W
000001
J value. Valid only if D15 = 1.
000001 => 1
000010 => 2
111101 => 61
111110 => 62
111111 => 63
D1−D0
Reserved
R
00
Reserved. Write only 00 to this location.
REGISTER 1CH: PLL Programmability
BIT
NAME
READ/
WRITE
RESET VALUE
FUNCTION
D15−D2
DVAL
R/W
0 (in decimal)
D value. Used when PLL is enabled.
D value is valid from 0000 to 9999 in decimal.
Programmed value greater than 9999 is treated as 9999
00000000000000 => 0 decimal
00000000000001 => 1 decimal
D1−D0
Reserved
R
00
Reserved (write only 00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com