Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 8 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 8 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 4Page - Presto International UK Limited 41021 Datasheet HTML 5Page - Presto International UK Limited 41021 Datasheet HTML 6Page - Presto International UK Limited 41021 Datasheet HTML 7Page - Presto International UK Limited 41021 Datasheet HTML 8Page - Presto International UK Limited 41021 Datasheet HTML 9Page - Presto International UK Limited 41021 Datasheet HTML 10Page - Presto International UK Limited 41021 Datasheet HTML 11Page - Presto International UK Limited 41021 Datasheet HTML 12Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
PRODUCT GUIDE
HSS Blacksmith Drill Set
Part No
No of Drills
Increments
Range
0869014-25
6
14,16,18,
20,22,25mm
HSS Annular Cutter Sets
Part No
No of Drills
Increments
Range
0949010
6
2mm
14mm - 24mm
SHORT
0949020
6
2mm
14mm - 24mm
LONG
Straight Shank Countersinks
Series #
Standard
Material
Type
Small Ø
Large Ø
Surface
Form
78011
DIN 334
HSS
60° 3 Flt
1.6 - 6.3mm
6.3 - 25.0mm
P0 Bright
C
78010
DIN 335
90° 3 Flt
1.3 - 4.2mm
4.3 - 31.0mm
P0 Bright
C
78015
DIN 335
90° 3 Flt
1.3 - 3.5mm
4.3 - 20.5mm
P5 TiN
C
78012
Factory
HSCo
90° De Burr
2.0 - 5.0mm
5.0 - 10.0mm
P0 Bright
Morse Taper Shank Countersinks
Series #
Standard
Material
Type
Small Ø
Large Ø
Surface
Form
78020
DIN 335
HSS
90° 3 Flt
3.2 - 28.0mm
15.0 - 100.0mm
P0 Bright
D
Straight Shank Countersinks Sets
Series #
Material
Type
Size Range
Surface
78091
HSS
90° Straight
Shank - 3 Flute
6mm - 16mm
P0 Bright
78095
P5 TiN
Set shown 0949010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com