Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 17 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 17 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 13Page - Presto International UK Limited 41021 Datasheet HTML 14Page - Presto International UK Limited 41021 Datasheet HTML 15Page - Presto International UK Limited 41021 Datasheet HTML 16Page - Presto International UK Limited 41021 Datasheet HTML 17Page - Presto International UK Limited 41021 Datasheet HTML 18Page - Presto International UK Limited 41021 Datasheet HTML 19Page - Presto International UK Limited 41021 Datasheet HTML 20Page - Presto International UK Limited 41021 Datasheet HTML 21Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
presto-tools.com
17
Normal Series Endmills
Series #
Standard
Material
Shank Type
Size Range
Surface
40131
BS 122/4
HSS
Screw
2.0mm - 50.0mm
1/16” - 2”
P0 Bright
40221
HSCo
2.0mm - 40.0mm
1/16” - 1.1/2”
40226
P6 TiCN
Long Series Endmills
Series #
Standard
Material
Shank Type
Size Range
Surface
41131
BS 122/4
HSS
Screw
3.0mm - 50.0mm
3/32” - 2"
P0 Bright
41221
HSCo
3mm - 40mm
1/16” - 1.1/2”
Throwaway Tri-Cutters Long Series
Series #
Standard
Material
Shank Type
Size Range
Surface
33111
DIN 6527
HSCo
Flatted
1.5mm - 6.0mm
1/16” - 1/4”
P0 Bright
33116
P6 TiCN
Dovetail Cutters
Series #
Standard
Material
Shank Type
Size Range
Surface
48431
Factory Std
HSS
Screw
1/2” - 1.1/2”
45°,55°,60°
P0 Bright
T-Slot Cutters
Series #
Standard
Material
Shank Type
Size Range
Surface
48331
Factory Std
HSS
Screw
6.0mm - 22.0mm
1/4” - 1"
P0 Bright
Woodruff Cutters
Series #
Standard
Material
Shank Type
Size Range
Surface
48231
Factory Std
HSS
Screw
10.5mm - 45.5mm
1/2” - 1.1/2”
#204 - #1212
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com