Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 22 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 22 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 16Page - Presto International UK Limited 41021 Datasheet HTML 17Page - Presto International UK Limited 41021 Datasheet HTML 18Page - Presto International UK Limited 41021 Datasheet HTML 19Page - Presto International UK Limited 41021 Datasheet HTML 20Page - Presto International UK Limited 41021 Datasheet HTML 21Page - Presto International UK Limited 41021 Datasheet HTML 22Page - Presto International UK Limited 41021 Datasheet HTML 23Page - Presto International UK Limited 41021 Datasheet HTML 24Page - Presto International UK Limited  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
PRODUCT GUIDE
Toolbits
Series #
Standard
Type
Material
Size Range
Surface
70000
DIN 4964
Square
HSS
4mm - 20mm (3/16” - 1”)
P0 Bright
70001
HSCo8
4mm - 25mm (3/16” - 1”)
70020
Round
HSS
4mm - 12mm (3/16” - 1”)
70021
HSCo8
4mm - 20mm (1/8” - 1”)
70040
Flat
HSS
(1/4” x 1/2” - 3/4” x 1”)
70041
HSCo8
4 x 6mm - 6 x 12mm
(1/4 x 1/2” - 3/4” x 1”)
Repair Tools
Series #
Material
Size Range
Surface
09010
AISI 1095
No.1 - No.9
Grey
09600
Set 1 1 No.1 - No.5
Set 2 1 No.1 - No.6
Grey
96000
HSS
No.1 - No.4
P0 Bright
09017
1/8” - 5/8”
M2.5 - M16
#3 - #14
P2 Bronze
09607
Multi
09040
CARBIDE
M3 - M12
P0 Bright
09040SET
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com