Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 20 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 20 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 16Page - Presto International UK Limited 41021 Datasheet HTML 17Page - Presto International UK Limited 41021 Datasheet HTML 18Page - Presto International UK Limited 41021 Datasheet HTML 19Page - Presto International UK Limited 41021 Datasheet HTML 20Page - Presto International UK Limited 41021 Datasheet HTML 21Page - Presto International UK Limited 41021 Datasheet HTML 22Page - Presto International UK Limited 41021 Datasheet HTML 23Page - Presto International UK Limited 41021 Datasheet HTML 24Page - Presto International UK Limited  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
PRODUCT GUIDE
Carbide Burrs
Series #
Cut
Style
Size Range
Surface
27400
EXP (Double)
Shape 'A'
Cylindrical
2.38mm (3/32") -
15.88mm (5/8")
P0 Bright
27401
SGL (Single)
27403
ALU (Aluminium)
27410
EXP (Double)
Shape 'B'
Cylindrical
With End Cut
2.38mm (3/32") -
15.88mm (5/8")
P0 Bright
27411
SGL (Single)
27420
EXP (Double)
Shape 'C'
Ball Nosed
Cylinder
2.38mm (3/32”) -
15.88mm (5/8”)
P0 Bright
27421
SGL (Single)
27423
ALU (Aluminium)
27430
EXP (Double)
Shape 'D'
Ball
3.00mm (3/16”) -
16.00mm (5/8”)
P0 Bright
27431
SGL (Single)
27433
ALU (Aluminium)
27440
EXP (Double)
Shape 'E'
Oval
3.00mm (1/4”) -
16.00mm (5/8”)
P0 Bright
27441
SGL (Single)
27450
EXP (Double)
Shape 'F'
Ball Nosed
Tree
3.00mm (1/4”) -
15.88mm (5/8”)
P0 Bright
27451
SGL (Single)
27453
ALU (Aluminium)
27460
EXP (Double)
Shape 'G'
Tree Pointed
Nose
3.00mm (1/4”) -
15.88mm (5/8”)
P0 Bright
27461
SGL (Single)
27470
EXP (Double)
Shape 'H'
Flame
3.00mm (5/16”) -
15.88mm (5/8”)
P0 Bright
27471
SGL (Single)
27990
EXP (Double)
Shape 'J'
60°
Countersink
12.70mm (1/2”) -
15.88mm (5/8”)
P0 Bright
SGL (Single)
27980
EXP (Double)
Shape 'K'
90°
Countersink
6.00mm (1/4”) -
15.88mm (5/8”)
P0 Bright
SGL (Single)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com