Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 19 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 19 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 15Page - Presto International UK Limited 41021 Datasheet HTML 16Page - Presto International UK Limited 41021 Datasheet HTML 17Page - Presto International UK Limited 41021 Datasheet HTML 18Page - Presto International UK Limited 41021 Datasheet HTML 19Page - Presto International UK Limited 41021 Datasheet HTML 20Page - Presto International UK Limited 41021 Datasheet HTML 21Page - Presto International UK Limited 41021 Datasheet HTML 22Page - Presto International UK Limited 41021 Datasheet HTML 23Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
presto-tools.com
19
Endmills Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
40011
DIN 844
HSCo
Flatted
2mm - 40mm
P0 Bright
40016
P6 TiCN
40021
Screw
2mm - 36mm
P0 Bright
40026
P6 TiCN
Endmills Long Series
Series #
Standard
Material
Shank Type
Size Range
Surface
41011
DIN 844
HSCo
Flatted
3mm - 40mm
P0 Bright
41016
P6 TiCN
41021
Screw
P0 Bright
41026
P6 TiCN
Ripping Cutters Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
46081
DIN 844
HSCo
Flatted
6mm - 40mm
Coarse Pitch
P0 Bright
46088
P6 TiCN
46091
Screw
P0 Bright
46098
P6 TiCN
46481
Flatted
6mm - 25mm
Fine Pitch
P0 Bright
46488
P6 TiCN
Carbide Cutters
Series #
Standard
Material
Shank Type
Size Range
Surface
31908
Factory
Standard
HRC55
Plain
1mm - 20mm
P8 TiALN
31991
P0 Bright
40848
P8 TiALN
48908
3mm - 20mm
P8 TiALN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com