Electronic Components Datasheet Search
  English  ▼

X  

41021 Datasheet(PDF) 12 Page - Presto International UK Limited

Part # 41021
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41021 Datasheet(HTML) 12 Page - Presto International UK Limited

Back Button 41021 Datasheet HTML 8Page - Presto International UK Limited 41021 Datasheet HTML 9Page - Presto International UK Limited 41021 Datasheet HTML 10Page - Presto International UK Limited 41021 Datasheet HTML 11Page - Presto International UK Limited 41021 Datasheet HTML 12Page - Presto International UK Limited 41021 Datasheet HTML 13Page - Presto International UK Limited 41021 Datasheet HTML 14Page - Presto International UK Limited 41021 Datasheet HTML 15Page - Presto International UK Limited 41021 Datasheet HTML 16Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
PRODUCT GUIDE
Circular Split Dies
Series #
Standard
Material
Type
Size Range
Surface
64100
BS 1127
HSS
Metric (M)
M1.2 - M36
P0 Bright
64110
Metric Fine (MF)
M3 - M32
P0 Bright
64120
UNC
No.1 - 1.1/2"
P0 Bright
64130
UNF
No.0 - 1.1/2"
P0 Bright
64140
BSW
1/16" - 1.1/2"
P0 Bright
64150
BSF
3/16" - 1.1/2"
P0 Bright
64160
G(BSPF)
1/8" - 2"
P0 Bright
64170
BA
No.14 - No.0
P0 Bright
64190
ANSI-B1.20.1
NPT
1/8" - 2"
P0 Bright
Dienuts
Series #
Standard
Material
Type
Size Range
Surface
64400
BS 1127
HSS
Metric (M)
M3 - M42
P0 Bright
64410
Metric Fine (MF)
M3 - M42
P0 Bright
64420
UNC
No.8 - 2"
P0 Bright
64430
UNF
No.8 - 1.1/2"
P0 Bright
64440
BSW
1/8" - 2"
P0 Bright
64450
BSF
3/16" - 1.3/4"
P0 Bright
64460
G(BSPF)
1/8" - 1.1/2"
P0 Bright
64490
NPT
1/8" - 2"
P0 Bright
Circular Solid Dies
Series #
Standard
Material
Type
Size Range
Surface
64000
DIN 223
HSS
Metric (M)
M3 - M24
P0 Bright
64010
Metric Fine (MF)
M5 - M30
P0 Bright
DIN 352 Metric Coarse Taps
Series #
Standard
Material
Type
Size Range
Surface
60702
N
HSS
Straight
M3 - M24
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com