Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 3 Page - Texas Instruments

  ESDS304DBVR Datasheet HTML 1Page - Texas Instruments ESDS304DBVR Datasheet HTML 2Page - Texas Instruments ESDS304DBVR Datasheet HTML 3Page - Texas Instruments ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
4 Pin Configuration and Functions
1
3
5
4
GND
2
NC
I/O1
I/O2
NC
2.8
2.9
1.6
Figure 4-1. ESDS302 DBV Package, 5-Pin SOT23
(Top View)
1
3
5
4
GND
2
I/O1
I/O3
I/O4
I/O2
2.9
1.6
2.8
Figure 4-2. ESDS304 DBV Package, 5-Pin SOT23
(Top View)
Table 4-1. Pin Functions for ESDS302
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
I/O1
4
I/O
Surge/ESD protected channels. Connect to the lines being protected.
I/O2
5
GND
2
GND
Ground. Connect to ground
NC
1
NC
Not connected; Used for optional straight-through routing. Can be left floating or
grounded
NC
3
(1)
I = input, O = output GND = ground
Table 4-2. Pin Functions for ESDS304
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
I/O1
1
I/O
Surge/ESD protected channels. Connect to the lines being protected.
I/O2
3
I/O3
4
I/O4
5
GND
2
GND
Ground. Connect to ground
(1)
I = input, O = output GND = ground
www.ti.com
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com