Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 5 Page - Texas Instruments

  ESDS304DBVR Datasheet HTML 1Page - Texas Instruments ESDS304DBVR Datasheet HTML 2Page - Texas Instruments ESDS304DBVR Datasheet HTML 3Page - Texas Instruments ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5.6 Electrical Characteristics
At TA = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 500nA, across operating
temperature range
3.6
V
ILEAKAGE
Leakage current at 3.6V
VIO = 3.6V, Any IO pin to GND
3
50
nA
VBRF
Breakdown voltage, Any IO pin to
GND (1)
IIO = 1mA
4.5
7.5
V
VFWD
Diode forward voltage, GND to IO pin
IIO = 1mA
0.8
V
VHOLD
Holding voltage, Any IO pin to GND (2) IIO = 1mA
5
V
VCLAMP
Surge Clamping voltage, tp = 8/20µs
IPP = 1 A, Any IO pin to GND
5.1
V
IPP = 12A, Any IO pin to GND
6
V
IPP = 1 A, GND to any IO pin
1.2
V
IPP = 12A, GND to any IO pin
3
V
TLP Clamping Voltage, tp = 100ns
IPP = 16A, any IO to GND pin
5.8
V
IPP = 16A, GND to any IO pin
3.1
V
CLINE
Line capacitance, any IO to GND
VIO = 0V, Vp-p = 30mV, f = 1MHz
2.3
2.8
pF
ΔCLINE
Variation of line capacitance
CLINE1 - CLINE2, VIO = 0V, Vp-p =
30mV, f = 1MHz
0.05
0.1
pF
CCROSS
Line-to-line capacitance
VIO = 0V, Vrms = 30mV, f = 1MHz
1.25
1.5
pF
(1)
VBRF is defined as the max voltage obtained at 1mA when sweeping the voltage up, before the device latches into the snapback state
(2)
VHOLD is defined as the voltage when 1mA is applied, after the device has successfully latched into the snapback state.
www.ti.com
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com