Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESDS304DBVR Datasheet HTML 2Page - Texas Instruments ESDS304DBVR Datasheet HTML 3Page - Texas Instruments ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments ESDS304DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
5.7 Typical Characteristics
D001_Vclamp_Pos.grf
Peak Current (A)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
D001
.
Figure 5-1. Surge Clamping Voltage vs. Peak Pulse Current (IEC
61000-4-5, tp = 8/20µs), Any IO Pin to GND
D002_Vclamp_Neg.grf
Peak Current (A)
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D002
.
Figure 5-2. Surge Clamping Voltage vs. Peak Pulse Current (IEC
61000-4-5, tp = 8/20µs), GND to IO Pin
D003_Surge_IV.grf
Time (µs)
-20
0
20
40
60
80
100
120
140
160
180
-2.5
-20
0
0
2.5
20
5
40
7.5
60
10
80
12.5
100
D003
Voltage (V)
Current (A)
Power (W)
.
Figure 5-3. Surge Current, Clamping Voltage and Power
Waveform (IEC-61000-4-5, tp = 8/20µs), Any IO Pin to GND
D004_DC_Plot.grf
Voltage (V)
-1
0
1
2
3
4
5
6
-0.0012
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
D004
.
Figure 5-4. DC I-V Curve
D005_TLP_Pos.grf
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
-4
0
4
8
12
16
20
24
28
32
D005
.
Figure 5-5. TLP I-V Curve, IO to GND, tp = 100ns
D006_TLP_Neg.grf
Voltage (V)
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-32
-28
-24
-20
-16
-12
-8
-4
0
4
D006
.
Figure 5-6. TLP I-V Curve, IO to GND Negative, tp = 100ns
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com