Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 4 Page - Texas Instruments

  ESDS304DBVR Datasheet HTML 1Page - Texas Instruments ESDS304DBVR Datasheet HTML 2Page - Texas Instruments ESDS304DBVR Datasheet HTML 3Page - Texas Instruments ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
IEC 61000-4-4 Electrical Fast Transient
Peak Power at 25 °C
80
A
IEC 61000-4-5 Surge (tp 8/20µs)
Peak Power at 25 °C
85
W
Peak Current at 25 °C
12
A
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
155
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings - JEDEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air Discharge, all pins
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
0
3.6
V
TA
Operating Free Air Temperature
–40
125
°C
5.5 Thermal Information
THERMAL METRIC(1)
ESDS302
ESDS304
UNIT
DBV (SOT-23)
DBV (SOT-23)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
176.2
133.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
125.7
85.1
°C/W
RθJB
Junction-to-board thermal resistance
88.4
49.4
°C/W
ΨJT
Junction-to-top characterization parameter
71.4
30.1
°C/W
ΨJB
Junction-to-board characterization parameter
88.2
49.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com