Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESDS304DBVR Datasheet HTML 3Page - Texas Instruments ESDS304DBVR Datasheet HTML 4Page - Texas Instruments ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments ESDS304DBVR Datasheet HTML 10Page - Texas Instruments ESDS304DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
5.7 Typical Characteristics (continued)
D007_IEC_Pos.grf
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
-40
-20
0
20
40
60
80
D007
.
Figure 5-7. +8kV IEC 61000-4-2 Clamping Voltage Waveform, IO
Pin to GND
D008_IEC_Neg.grf
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
-80
-60
-40
-20
0
20
40
D008
.
Figure 5-8. -8kV IEC 61000-4-2 Clamping Voltage Waveform, IO
Pin to GND
D009_Leakage.grf
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
D009
.
Figure 5-9. DC Leakage Current vs. Ambient Temperature, Bias
Voltage = 3.6V
D010_Capacitance.grf
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
3.5
4
D010
.
Figure 5-10. Capacitance vs. Bias Voltage at 25°C
D011_Sureg_Derating.grf
Temperature (qC)
0
25
50
75
100
125
70
75
80
85
90
95
100
105
D011
.
Figure 5-11. Surge Power Derating with Respect to Ambient
Temperature
D012_S21.grf
Frequency (GHz)
0.1
0.2
0.3
0.4 0.5 0.60.7
1
2
-8
-7.5
-7
-6.5
-6
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
D012
.
Figure 5-12. Differential Insertion Loss vs. Frequency
www.ti.com
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com