Electronic Components Datasheet Search
  English  ▼

X  

ESDS304DBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # ESDS304DBVR
Description  ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESDS304DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESDS304DBVR Datasheet HTML 5Page - Texas Instruments ESDS304DBVR Datasheet HTML 6Page - Texas Instruments ESDS304DBVR Datasheet HTML 7Page - Texas Instruments ESDS304DBVR Datasheet HTML 8Page - Texas Instruments ESDS304DBVR Datasheet HTML 9Page - Texas Instruments ESDS304DBVR Datasheet HTML 10Page - Texas Instruments ESDS304DBVR Datasheet HTML 11Page - Texas Instruments ESDS304DBVR Datasheet HTML 12Page - Texas Instruments ESDS304DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The ESDS304, ESDS302 devices are diode type TVS which is used to provide a path to ground for dissipating
ESD events on high-speed signal lines between a human interface connector and a system. As the current
from ESD passes through the TVS, only a small voltage drop is present across the diode. This is the voltage
presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for
the protected IC.
7.2 Typical Application
Figure 7-1. ESDS304 Protecting the Ethernet 1G Interface
7.2.1 Design Requirements
A typical operation for the ESDS304 would be protecting a high speed dataline similar to one shown in Figure
7-1. In this example, the ESDS304 is protecting an Ethernet PHY's data lines that has a nominal operating
voltage of 3.6V. Many of the Ethernet interfaces that connect to long cables require protection against ±1kV
surge test through a 42Ω coupling resistor and a 0.5μF capacitor, equaling roughly 24 A of surge current.
Without any input protection, if a surge event is caused by lightning, coupling, ringing, or any other fault
condition, this input voltage will rise to hundreds of volts for multiple microseconds, harming the device. For
Ethernet 1000Base-T (1Gbps), application design parameters listed in Table 7-1 are known.
Table 7-1. Design Parameters
DESIGN PARAMETER
VALUE
Single ended signal voltage range on
differential data line pairs
0 to 3.6V
Operating Frequency
125MHz
www.ti.com
ESDS302, ESDS304
SLVSEG8B – MAY 2018 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESDS302 ESDS304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com