Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 3 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS2521 Datasheet HTML 1Page - Texas Instruments HD3SS2521 Datasheet HTML 2Page - Texas Instruments HD3SS2521 Datasheet HTML 3Page - Texas Instruments HD3SS2521 Datasheet HTML 4Page - Texas Instruments HD3SS2521 Datasheet HTML 5Page - Texas Instruments HD3SS2521 Datasheet HTML 6Page - Texas Instruments HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
A0P
A0N
A1P
A1N
B0P
B0N
B1P
B1N
C0P
C0N
C1P
C1N
SEL
SS_SEL_IN
SEL
ADP
ADM
BDP
BDM
CDP
HS_SEL_IN
DP/CONFIG1
DM/CONFIG2
DP Power Enable
Block
SS_SEL_OUT
HS_SEL_OUT
SYS_COM_REQ
HS_OE#_IN
SS_OE#_IN
CONFIG1
CONFIG2
HPD_IN
CDM
SLEEP#
CHRG_DELAY
CHRG_OFF
DigitalControl
Logic
MODE_LED
RST
AUX_N
DP_2P
DP_2N
DP_3P
DP_3N
SSTXP
SSTXM
SSRXP
SSRXM
Downstream
SSTX
Display Port Source
CONFIG1_SDA
CONFIG2_SCL
USB2_DP
USB2_DM
DP_2P/SSTXP
DP_2N/SSTXM
DP_3P/SSRXP
DP_3N/SSRXM
15
17
4
6
HPD_IN
AUX_N
18
16
AUX_P
AUX_N
2
19
20
HD3SS2521
SLEEP#
SLEEP#
10
12
DP_0P
DP_1P
DP_1N
DP_0N
9
11
5 3
HS_OE#_OUT
Vcc
SS_OE#_OUT
CONFIG_PU#
Dongle_PWREN#
CONFIG1
CONFIG2
Vcc
Vcc/
GND
USB3/xHCI
HPD_OUT
Vcc/
GND
Downstream
SSRX
Downstream
USB2
1
NOTE: Refer to the implementation guide for details on design
considerations and configuration options
HD3SS2521
www.ti.com
SLAS941A – APRIL 2013 – REVISED MAY 2013
TYPICAL APPLICATION
Figure 2. DockPort Host Implementation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com