Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 12 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments HD3SS2521 Datasheet HTML 11Page - Texas Instruments HD3SS2521 Datasheet HTML 12Page - Texas Instruments HD3SS2521 Datasheet HTML 13Page - Texas Instruments HD3SS2521 Datasheet HTML 14Page - Texas Instruments HD3SS2521 Datasheet HTML 15Page - Texas Instruments HD3SS2521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HD3SS2521
SLAS941A – APRIL 2013 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – SIGNAL SWITCH PARAMETERS (continued)
(under recommended operating conditions; RL, Rsc = 50
Ω, CL = 10pF unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = VCC or 0V, Outputs Open,
COFF
Outputs OFF Capacitance
3.5
6
pF
Switch OFF
VCC = 3V, VIN = 0V, IO = 30 mA
3
6
RON
Output ON resistance
Ω
VCC = 3V, VIN = 2.4V, IO = –15 mA
3.4
6
VCC = 3V, VIN = 0V, IO = 30 mA
0.2
ΔRON
On resistance match
Ω
VCC = 3V, VIN = 1.7V, IO = –15 mA
0.2
VCC = 3V, VIN = 0V, IO = 30 mA
1
W
On resistance flatness
RFLAT_ON
[RON(MAX) – RON(MIN)]
VCC = 3V, VIN = 1.7V, IO = –15 mA
1
XTALK
Differential Crosstalk (VCM = 0V)
RL = 50 W, f = 250 MHz
–40
dB
OIRR
Differential Off-Isolation (VCM = 0V)
RL = 50 W, f = 250 MHz
–41
dB
BW
Bandwidth
RL = 50 W
0.9
GHz
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com