Electronic Components Datasheet Search
  English  ▼

X  

HD3SS2521 Datasheet(PDF) 6 Page - Texas Instruments

Part # HD3SS2521
Description  DockPort Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS2521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS2521 Datasheet HTML 2Page - Texas Instruments HD3SS2521 Datasheet HTML 3Page - Texas Instruments HD3SS2521 Datasheet HTML 4Page - Texas Instruments HD3SS2521 Datasheet HTML 5Page - Texas Instruments HD3SS2521 Datasheet HTML 6Page - Texas Instruments HD3SS2521 Datasheet HTML 7Page - Texas Instruments HD3SS2521 Datasheet HTML 8Page - Texas Instruments HD3SS2521 Datasheet HTML 9Page - Texas Instruments HD3SS2521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HD3SS2521
SLAS941A – APRIL 2013 – REVISED MAY 2013
www.ti.com
PIN FUNCTIONS
SIGNAL
DockPort HOST
DockPort DEVICE
SPEED
PIN
I/O
PIN NAME
(SIGNAL MUX)
(SIGNAL DE-MUX)
(MAX)
2
I/O
A0P
DockPort Lane 2, Positive Signal
Fast Lane
(DockPort cable between DockPort host and DockPort device)
(Up to
5.4Gbps)
3
I/O
A0N
DockPort Lane 2, Negative Signal
(DockPort cable between DockPort host and DockPort device)
5
I/O
A1P
DockPort Lane 3, Positive Signal (DockPort cable between DockPort host and
DockPort device)
6
I/O
A1N
DockPort Lane 3, Negative Signal (DockPort cable between DockPort host and
DockPort device)
48
I/O
B0P
DisplayPort Lane 2, Positive Signal
Fast Lane
(Up to
47
I/O
B0N
DisplayPort Lane 2, Negative Signal
5.4Gbps)
46
I/O
B1P
DisplayPort Lane 3, Positive Signal
45
I/O
B1N
DisplayPort Lane 3, Negative Signal
44
I/O
C0P
SuperSpeed USB TX, Positive Signal
SuperSpeed USB RX, Positive
Fast Lane
Signal
(Up to
5.4Gbps)
43
I/O
C0N
SuperSpeed USB TX, Negative Signal
SuperSpeed USB RX, Negative
Signal
42
I/O
C1P
SuperSpeed USB RX, Positive Signal
SuperSpeed USB TX, Positive Signal
41
I/O
C1N
SuperSpeed USB RX, Negative Signal
SuperSpeed USB TX, Negative
Signal
11
I/O
ADP
DockPort Config1 (DockPort cable between DockPort host and DockPort device) Supports High-
speed USB
10
I/O
ADM
DockPort Config2 (DockPort cable between DockPort host and DockPort device)
35
I/O
BDP
CONFIG 1
36
I/O
BDM
CONFIG 2
37
I/O
CDP
High-speed USB D+
38
I/O
CDM
High-speed USB D-
7
I
SS_SEL_IN
DisplayPort / SuperSpeed USB Mux Select (Connect to SS_SEL_OUT - Pin 20)
12
I
HS_SEL_IN
DisplayPort / HighSpeed USB Mux Select (Connect to HS_SEL_OUT - Pin 19)
8
I
RSVD
N/C
N/C
(SS_OE#_IN)
For future compatibility (Connect to
Requires external 10 k
Ω Pull-down.
RSVD [SS_OE#_OUT] signal - Pin 34)
9
I
HS_OE#_IN
DisplayPort / HighSpeed USB Mux Enable (Connect to HS_OE#_OUT - Pin 32)
15
I/O
MODE_LED
This signal is sampled at power on or
This signal is sampled at power on or
reset to determine the mode of operation: reset to determine the mode of
operation:
Pulled High for DockPort host operation.
(Optionally through LED for debug
Pulled Low for DockPort hub
purposes)
(dock/dongle) operation. (Optionally
through LED for debug purposes)
16
I
HPD_IN
Hot Plug Detect from DockPort device
Hot Plug Detect from MST Hub/DP
Device
17
O
HPD_OUT
Hot Plug Detect to System Graphics
Hot Plug Detect to DockPort host.
18
I/O
AUX_N
AUX Negative Pull-Up to DockPort
AUX Negative from DockPort host
device (Output)
(Input)
This signal indicates a connection event
This signal is used to detect a
to a DockPort device.
connection event from a DockPort
host.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :HD3SS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com